Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N840M Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB4N840M
Description  3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N840M Datasheet(HTML) 1 Page - ON Semiconductor

  NB4N840M_07 Datasheet HTML 1Page - ON Semiconductor NB4N840M_07 Datasheet HTML 2Page - ON Semiconductor NB4N840M_07 Datasheet HTML 3Page - ON Semiconductor NB4N840M_07 Datasheet HTML 4Page - ON Semiconductor NB4N840M_07 Datasheet HTML 5Page - ON Semiconductor NB4N840M_07 Datasheet HTML 6Page - ON Semiconductor NB4N840M_07 Datasheet HTML 7Page - ON Semiconductor NB4N840M_07 Datasheet HTML 8Page - ON Semiconductor NB4N840M_07 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 3
1
Publication Order Number:
NB4N840M/D
NB4N840M
3.3V 3.2Gb/s Dual
Differential Clock/Data 2 x 2
Crosspoint Switch with
CML Output and Internal
Termination
Description
The NB4N840M is a high−bandwidth fully differential dual
2 x 2 crosspoint switch with CML inputs/outputs that is suitable for
applications such as SDH/SONET, DWDM, Gigabit Ethernet and
high speed switching. Fully differential design techniques are used to
minimize jitter accumulation, crosstalk, and signal skew, which make
this device ideal for loop−through and protection channel switching
applications.
Internally terminated differential CML inputs accept AC−coupled
LVPECL (Positive ECL) or direct coupled CML signals. By providing
internal 50
W input and output termination resistor, the need for
external components is eliminated and interface reflections are
minimized. Differential 16 mA CML outputs provide matching
internal 50
W terminations, and 400 mV output swings when
externally terminated, 50
W to VCC.
Single−ended LVCMOS/LVTTL SEL inputs control the routing of
the signals through the crosspoint switch which makes this device
configurable as 1:2 fan−out, repeater or 2 x 2 crosspoint switch. The
device is housed in a low profile 5 x 5 mm 32−pin QFN package.
Features
Plug−in compatible to the MAX3840 and SY55859L
Maximum Input Clock Frequency 2.7 GHz
Maximum Input Data Frequency 3.2 Gb/s
225 ps Typical Propagation Delay
80 ps Typical Rise and Fall Times
7 ps Channel to Channel Skew
430 mW Power Consumption
< 0.5 ps RMS Jitter
7 ps Peak−to−Peak Data Dependent Jitter
Power Saving Feature with Disabled Outputs
Operating Range: VCC = 3.0 V to 3.6 V with VEE = 0 V
CML Output Level (400 mV Peak−to−Peak Output), Differential
Output
These are Pb−Free Devices
QFN32
MN SUFFIX
CASE 488AM
See detailed ordering and shipping information on page 8 of
this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
http://onsemi.com
32
1
NB4N
840M
ALYWG
1
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
CML
CML
CML
CML
CML
CML
CML
CML
0
1
0
1
0
1
0
1
Figure 1. Functional Block Diagram
QA0
QA0
ENA0
SELA0
QA1
QA1
ENA1
SELA1
QB0
QB0
ENB0
SELB0
QB1
QB1
ENB1
SELB1
DA0
DA0
DA1
DA1
DB0
DB0
DB1
DB1


Similar Part No. - NB4N840M_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB4N840MMNG ONSEMI-NB4N840MMNG Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNG ONSEMI-NB4N840MMNG Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4N840MMNR4G ONSEMI-NB4N840MMNR4G Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNR4G ONSEMI-NB4N840MMNR4G Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
More results

Similar Description - NB4N840M_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4L858M ONSEMI-NB4L858M Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com