Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N507A Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB4N507A
Description  3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N507A Datasheet(HTML) 2 Page - ON Semiconductor

  NB4N507A Datasheet HTML 1Page - ON Semiconductor NB4N507A Datasheet HTML 2Page - ON Semiconductor NB4N507A Datasheet HTML 3Page - ON Semiconductor NB4N507A Datasheet HTML 4Page - ON Semiconductor NB4N507A Datasheet HTML 5Page - ON Semiconductor NB4N507A Datasheet HTML 6Page - ON Semiconductor NB4N507A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NB4N507A
http://onsemi.com
2
Figure 2. NB4N507A Logic Diagram
Crystal
VDD
Feedback
Oscillator
Buffer
X1/CLK
X2
Phase
Detector
GND
Charge
Pump
VCO
PECL
Output
Multiplier
Select
S1
S0
CLKOUT
CLKOUT
OE
X2
NC
S0
OE
NC
NC
NC
NC
GND
GND
S1
VDD
VDD
X1/CLK
Figure 3. 16−Pin SOIC (Top View)
16
15
14
13
12
11
10
CLKOUT
CLKOUT
9
1
2
3
4
5
6
7
8
Table 1. CLOCK MULTIPLIER SELECT TABLE
S1
S0
Multiplier
L
L
9.72X*
L
M
10X
L
H
12X
M
L
6.25X
M
M
8X
M
H
5X
H
L
NA
H
M
3X
H
H
4X
Table 2. OE, OUTPUT ENABLE FUNCTION
OE
Function
0
Disable
1
Enable
*Crystal = 16 MHz, fCLKOUT = 155.52 MHz
L = GND
H = VDD
M = OPEN


Similar Part No. - NB4N507A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A Datasheet
134Kb / 8P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
NB4N507AD ONSEMI-NB4N507AD Datasheet
134Kb / 8P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
NB4N507ADG ONSEMI-NB4N507ADG Datasheet
134Kb / 8P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
NB4N507ADR2 ONSEMI-NB4N507ADR2 Datasheet
134Kb / 8P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
More results

Similar Description - NB4N507A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_09 Datasheet
134Kb / 8P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
Motorola, Inc
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
   800 MHz Low Voltage PECL Clock Synthesizer
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer
logo
ON Semiconductor
NB3N511 ONSEMI-NB3N511_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
November, 2013 ??Rev. 4
NB3N511 ONSEMI-NB3N511 Datasheet
111Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
May, 2012 ??Rev. 3
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
Integrated Device Techn...
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com