Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4L52 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB4L52
Description  2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L52 Datasheet(HTML) 4 Page - ON Semiconductor

  NB4L52_07 Datasheet HTML 1Page - ON Semiconductor NB4L52_07 Datasheet HTML 2Page - ON Semiconductor NB4L52_07 Datasheet HTML 3Page - ON Semiconductor NB4L52_07 Datasheet HTML 4Page - ON Semiconductor NB4L52_07 Datasheet HTML 5Page - ON Semiconductor NB4L52_07 Datasheet HTML 6Page - ON Semiconductor NB4L52_07 Datasheet HTML 7Page - ON Semiconductor NB4L52_07 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NB4L52
http://onsemi.com
4
Table 5. DC CHARACTERISTICS, CLOCK INPUTS, LVPECL OUTPUTS
(VCC = 2.375 V to 5.5 V, VEE = 0 V or VCC = 0 V, VEE = −2.375 to −5.5 V, TA = −40°C to +85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
IEE
Power Supply Current (Inputs and Outputs Open)
16
25
mA
VOH
Output HIGH Voltage (Note 4, 5)
VCC = 5.0 V
VCC = 3.3 V
VCC = 2.5 V
VCC − 1145
3855
2155
1355
VCC − 1020
3980
2280
1480
VCC − 895
4105
2405
1605
mV
VOL
Output LOW Voltage (Note 4, 5)
VCC = 5.0V
VCC = 3.3V
VCC = 2.5V
VCC − 1945
3055
1355
555
VCC − 1770
3230
1530
730
VCC − 1600
3400
1700
900
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (Figures 4 & 7)
Vth
Input Threshold Reference Voltage Range (Note 6)
1050
VCC − 150
mV
VIH
Single−ended Input HIGH Voltage
Vth + 150
VCC
mV
VIL
Single−ended Input LOW Voltage
VEE
Vth − 150
mV
DIFFERENTIAL INPUT DRIVEN DIFFERENTIALLY (Figures 5, 6 & 8 )
VIHD
Differential Input HIGH Voltage
1200
VCC
mV
VILD
Differential Input LOW Voltage
VEE
VCC − 150
mV
VCMR
Input Common Mode Range (Differential Configuration) (Note 7)
1125
VCC – 75
mV
VID
Differential Input Voltage (VIHD − VILD)
150
VCC
mV
IIH
Input HIGH Current D / D, CLK / CLK, R /R
(VTx/VTx Open)
−150
150
mA
IIL
Input LOW Current D / D, CLK / CLK, R /R
(VTx/VTx Open)
−150
150
mA
RTIN
Internal Input Termination Resistor
40
50
60
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. LVPECL outputs loaded with 50 W to VCC – 2.0 V for proper operation.
5. Input and output parameters vary 1:1 with VCC.
6. Vth is applied to the complementary input when operating in single−ended mode.
7. VCMRMIN varies 1:1 with VEE, VCMRMAX varies 1:1 with VCC. The VCMR range is referenced to the most positive side of the differential input
signal.


Similar Part No. - NB4L52_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_09 Datasheet
149Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop
August, 2009 ??Rev. 3
More results

Similar Description - NB4L52_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_09 Datasheet
149Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop
August, 2009 ??Rev. 3
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
NB7L216MNEVB ONSEMI-NB7L216MNEVB Datasheet
414Kb / 11P
   2.5 V / 3.3 V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2016 ??Rev. 6
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
NB4L339 ONSEMI-NB4L339_12 Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
NB6L11 ONSEMI-NB6L11_06 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
NB7V58M ONSEMI-NB7V58M Datasheet
164Kb / 8P
   1.8 V / 2.5 V / 3.3 V Differential 2:1 Clock / Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com