Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N508SDTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3N508SDTG
Description  3.3V, 216 MHz PureEdge VCXO Clock Generator with M?묹VDS Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N508SDTG Datasheet(HTML) 5 Page - ON Semiconductor

  NB3N508SDTG Datasheet HTML 1Page - ON Semiconductor NB3N508SDTG Datasheet HTML 2Page - ON Semiconductor NB3N508SDTG Datasheet HTML 3Page - ON Semiconductor NB3N508SDTG Datasheet HTML 4Page - ON Semiconductor NB3N508SDTG Datasheet HTML 5Page - ON Semiconductor NB3N508SDTG Datasheet HTML 6Page - ON Semiconductor NB3N508SDTG Datasheet HTML 7Page - ON Semiconductor NB3N508SDTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NB3N508S
http://onsemi.com
5
Table 5. AC CHARACTERISTICS (VDD = 3.135 V to 3.465 V, GND = 0 V, TA = 0°C to +70°C, Note 7)
Symbol
Characteristic
Min
Typ
Max
Unit
fCLKIN
Crystal Input Frequency
27
MHz
fCLKOUT
Output Clock Frequency
216
MHz
FNOISE
Phase−Noise Performance fCLKOUT = 216 MHz
@ 100 Hz Offset from Carrier
@ 1 kHz Offset from Carrier
@ 10 kHz Offset from Carrier
@ 100 kHz Offset from Carrier
@ 1 MHz Offset from Carrier
@ 10 MHz Offset from Carrier
−80
−88
−105
−106
−120
−145
dBc/Hz
Spurious Noise Components
−60
dBc/Hz
FP
Crystal Pullability 0 V v VIN v 3.3 V
"100
ppm
tDUTY_CYCLE Output Clock Duty Cycle (Measured at Crosspoint)
45
50
55
%
tR
Output Rise Time (CLK/CLK) (Note 8)
380
500
ps
tF
Output Fall Time (CLK/CLK) (Note 8)
380
500
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. CLK/CLK loaded with 50 W receiver termination resistor between diff. pair.
8. Measured differentially (CLK − CLK) at 10% to 90%; RL = 50 W.
Figure 3. Typical Phase Noise Plot (VDD = 3.3 V, VIN = 0 V; Room Temperature)
Phase Noise 10.00dB/Ref −20.00dBc/Hz
OFFSET FREQUENCY (Hz)


Similar Part No. - NB3N508SDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501 Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
NB3N501 ONSEMI-NB3N501 Datasheet
110Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
November, 2013 ??Rev. 2
NB3N501DG ONSEMI-NB3N501DG Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
NB3N501DG ONSEMI-NB3N501DG Datasheet
110Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
November, 2013 ??Rev. 2
NB3N501DR2G ONSEMI-NB3N501DR2G Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
More results

Similar Description - NB3N508SDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N15552MNG ONSEMI-NB3N15552MNG Datasheet
143Kb / 6P
   3.3V PureEdge VCXO Clock Generator with Differential LVPECL Outputs
April, 2012 ??Rev. 0
NB3N3001 ONSEMI-NB3N3001 Datasheet
115Kb / 8P
   3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 1
NB3N3011 ONSEMI-NB3N3011 Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
logo
Cypress Semiconductor
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
   27 MHz Clock Generator with VCXO
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
List of Unclassifed Man...
T73227 ETC1-T73227 Datasheet
77Kb / 5P
   27 MHz VCXO Clock Generator IC
logo
Cypress Semiconductor
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
logo
Vaishali Semiconductor
VT73127 VAISH-VT73127 Datasheet
39Kb / 4P
   27 MHz 3.3V VCXO with Output Enable
logo
Cypress Semiconductor
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com