Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURS110T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MURS110T3
Description  ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS110T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MURS110T3 Datasheet HTML 1Page - ON Semiconductor MURS110T3 Datasheet HTML 2Page - ON Semiconductor MURS110T3 Datasheet HTML 3Page - ON Semiconductor MURS110T3 Datasheet HTML 4Page - ON Semiconductor MURS110T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MURS120T3 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MURS
Unit
105T3
110T3
115T3
120T3
140T3
160T3
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
400
600
V
Average Rectified Forward Current
IF(AV)
1.0 @ TL = 155°C
2.0 @ TL = 145°C
1.0 @ TL = 150°C
2.0 @ TL = 125°C
A
Non−Repetitive Peak Surge Current, (Surge applied
at rated load conditions halfwave, single phase, 60 Hz)
IFSM
40
35
A
Operating Junction Temperature
TJ
*65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Rating
Symbol
MURS
Unit
105T3
110T3
115T3
120T3
140T3
160T3
Thermal Resistance, Junction−to−Lead
(TL = 25°C)
RqJL
13
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 1.0 A, TJ = 25°C)
(iF = 1.0 A, TJ = 150°C)
vF
0.875
0.71
1.25
1.05
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TJ = 25°C)
(Rated DC Voltage, TJ = 150°C)
iR
2.0
50
5.0
150
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
(iF = 0.5 A, iR = 1.0 A, IR to 0.25 A)
trr
35
25
75
50
ns
Maximum Forward Recovery Time
(iF = 1.0 A, di/dt = 100 A/ms, Rec. to 1.0 V)
tfr
25
50
ns
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Package
Shipping
MURS105T3
U1A
SMB
2500 Units / Tape & Reel
MURS105T3G
SMB
(Pb−Free)
MURS110T3
U1B
SMB
MURS110T3G
SMB
(Pb−Free)
MURS115T3
U1C
SMB
MURS115T3G
SMB
(Pb−Free)
MURS120T3
U1D
SMB
MURS120T3G
SMB
(Pb−Free)
MURS140T3
U1G
SMB
MURS140T3G
SMB
(Pb−Free)
MURS160T3
U1J
SMB
MURS160T3G
SMB
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MURS110T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS110T3 ONSEMI-MURS110T3 Datasheet
80Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
December, 2004 ??Rev. 7
MURS110T3 ONSEMI-MURS110T3 Datasheet
114Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
July, 2010 ??Rev. 9
MURS110T3G ONSEMI-MURS110T3G Datasheet
114Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
July, 2010 ??Rev. 9
MURS110T3G ONSEMI-MURS110T3G Datasheet
117Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
May, 2013 ??Rev. 12
MURS110T3G ONSEMI-MURS110T3G Datasheet
68Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 13
More results

Similar Description - MURS110T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA115T3 ONSEMI-MURA115T3_06 Datasheet
49Kb / 4P
   ULTRAFAST RECTIFIERS 1 AMPERE, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
Motorola, Inc
MUR190E MOTOROLA-MUR190E Datasheet
123Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 900-1000 VOLTS
MURS120T3 MOTOROLA-MURS120T3 Datasheet
112Kb / 4P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com