Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURHB840CTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MURHB840CTG
Description  ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURHB840CTG Datasheet(HTML) 3 Page - ON Semiconductor

  MURHB840CTG Datasheet HTML 1Page - ON Semiconductor MURHB840CTG Datasheet HTML 2Page - ON Semiconductor MURHB840CTG Datasheet HTML 3Page - ON Semiconductor MURHB840CTG Datasheet HTML 4Page - ON Semiconductor MURHB840CTG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MURHB840CT
http://onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current, Per Leg
Figure 3. Current Derating, Case
Figure 4. Typical Capacitance, Per Leg
50
20
10
0.1
0.2
0.5
1
2
5
2.4
2.2
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TJ = 150°C
100°C
25°C
VR, REVERSE VOLTAGE (VOLTS)
0.1
0
1000
0.2
0.5
1
5
10
20
50
100
200
500
50
100
150 200
250 300
350 400
TC, CASE TEMPERATURE (°C)
0
110
2
4
6
8
10
120
130
140
150
160
170
180
TJ = 150°C
100°C
25°C
RATED VR APPLIED
RqJC = 3°C/W
DC
SQUARE
WAVE
VR, REVERSE VOLTAGE (VOLTS)
0.01
1000
100
10
1
0.1
1
10
100
2
100
Figure 5. Forward Power Dissipation, Per Leg
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1
20
18
16
14
12
10
8
6
4
2
0
2
345
67
89
10
TJ = 175°C
SQUARE WAVE
DC


Similar Part No. - MURHB840CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURHB840CTG ONSEMI-MURHB840CTG Datasheet
104Kb / 5P
   Power Rectifier
May, 2013 ??Rev. 7
More results

Similar Description - MURHB840CTG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
logo
Motorola, Inc
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
Kersemi Electronic Co.,...
MURH840CT KERSEMI-MURH840CT Datasheet
409Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS trr = 28 ns
logo
ON Semiconductor
MURH860CT ONSEMI-MURH860CT_06 Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
logo
Motorola, Inc
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
logo
ON Semiconductor
MURHF860CT ONSEMI-MURHF860CT_06 Datasheet
88Kb / 3P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
MURHF860CT MOTOROLA-MURHF860CT Datasheet
50Kb / 2P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
logo
Rectron Semiconductor
MUR820P RECTRON-MUR820P Datasheet
137Kb / 8P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com