Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURHB840CTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MURHB840CTG
Description  ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURHB840CTG Datasheet(HTML) 2 Page - ON Semiconductor

  MURHB840CTG Datasheet HTML 1Page - ON Semiconductor MURHB840CTG Datasheet HTML 2Page - ON Semiconductor MURHB840CTG Datasheet HTML 3Page - ON Semiconductor MURHB840CTG Datasheet HTML 4Page - ON Semiconductor MURHB840CTG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MURHB840CT
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
400
V
Average Rectified Forward Current
(Rated VR, TC = 120°C) Total Device
IF(AV)
4.0
8.0
A
Peak Repetitive Forward Current
(Rated VR, Square Wave,
20 kHz, TC = 120°C)
IFM
8.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
100
A
Controlled Avalanche Energy
WAVAL
20
mJ
Operating Junction and Storage Temperature Range
TJ, Tstg
−65 to +175
°C
THERMAL CHARACTERISTICS (Per Leg)
Rating
Symbol
Value
Unit
Maximum Thermal Resistance, Junction−to−Case
RqJC
3.0
°C/W
Maximum Thermal Resistance, Junction−to−Ambient
RqJA
50
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (Per Leg)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 4.0 A, TC = 150°C)
(iF = 4.0 A, TC = 25°C)
vF
1.9
2.2
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TC = 150°C)
(Rated DC Voltage, TC = 25°C)
iR
500
10
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms)
trr
28
ns
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤2.0%


Similar Part No. - MURHB840CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURHB840CTG ONSEMI-MURHB840CTG Datasheet
104Kb / 5P
   Power Rectifier
May, 2013 ??Rev. 7
More results

Similar Description - MURHB840CTG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
logo
Motorola, Inc
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
Kersemi Electronic Co.,...
MURH840CT KERSEMI-MURH840CT Datasheet
409Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS trr = 28 ns
logo
ON Semiconductor
MURH860CT ONSEMI-MURH860CT_06 Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
logo
Motorola, Inc
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
   ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
logo
ON Semiconductor
MURHF860CT ONSEMI-MURHF860CT_06 Datasheet
88Kb / 3P
   ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
MURHF860CT MOTOROLA-MURHF860CT Datasheet
50Kb / 2P
   ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
logo
Rectron Semiconductor
MUR820P RECTRON-MUR820P Datasheet
137Kb / 8P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com