Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR140RL Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUR140RL
Description  SWITCHMODE Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR140RL Datasheet(HTML) 4 Page - ON Semiconductor

  MUR140RL Datasheet HTML 1Page - ON Semiconductor MUR140RL Datasheet HTML 2Page - ON Semiconductor MUR140RL Datasheet HTML 3Page - ON Semiconductor MUR140RL Datasheet HTML 4Page - ON Semiconductor MUR140RL Datasheet HTML 5Page - ON Semiconductor MUR140RL Datasheet HTML 6Page - ON Semiconductor MUR140RL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MUR120 Series
http://onsemi.com
4
MUR130, MUR140, MUR160
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.3
0.9
0.5
1.3
3.0
0.01
0.03
0.02
0.2
0.1
10
2.0
0.7
0.3
0.05
0.5
5.0
2.3
VR, REVERSE VOLTAGE (VOLTS)
0
200
100
300
400
100
0.01
0.004
1.0
10
TJ = 175°C
700
Figure 7. Typical Reverse Current*
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
1.0
2.0
3.0
4.0
5.0
0
0.5
1.0
1.5
2.0
2.5
TA, AMBIENT TEMPERATURE (°C)
050
0
2.0
1.0
3.0
5.0
4.0
250
Figure 8. Current Derating
(Mounting Method #3 Per Note 2)
Figure 9. Power Dissipation
0
5.0
10
20
2.0
10
20
VR, REVERSE VOLTAGE (VOLTS)
Figure 10. Typical Capacitance
0.7
0.07
1.0
7.0
1.7
2.1
100
°C
TJ = 175°C
25
°C
600
500
0.1
100
°C
25
°C
150
100
200
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if VR is sufficiently below
rated VR.
TJ = 25°C
30
40
50
3.0
7.0
TJ = 175°C
RATED VR
RqJA = 50°C/W
dc
SQUARE WAVE
I
PK
I
AV
+ 20
SQUARE WAVE
dc
5.0
10
1.1
1.5
1.9
400
0.04
4.0
40
0.4
(CAPACITIVE LOAD)


Similar Part No. - MUR140RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR140RL ONSEMI-MUR140RL Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR140RL KERSEMI-MUR140RL Datasheet
441Kb / 6P
   Ultrafast 25, 50 and 75 Nanosecond Recovery Times
MUR140RL KERSEMI-MUR140RL Datasheet
442Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
ON Semiconductor
MUR140RL ONSEMI-MUR140RL Datasheet
121Kb / 7P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 12
MUR140RLG ONSEMI-MUR140RLG Datasheet
121Kb / 7P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 12
More results

Similar Description - MUR140RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com