Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR3060WT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUR3060WT
Description  SWITCHMODE Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR3060WT Datasheet(HTML) 3 Page - ON Semiconductor

  MUR3060WT Datasheet HTML 1Page - ON Semiconductor MUR3060WT Datasheet HTML 2Page - ON Semiconductor MUR3060WT Datasheet HTML 3Page - ON Semiconductor MUR3060WT Datasheet HTML 4Page - ON Semiconductor MUR3060WT Datasheet HTML 5Page - ON Semiconductor MUR3060WT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MUR3020WT, MUR3060WT
http://onsemi.com
3
MUR3020WT
100
0.1
0.2
0.3
0.5
1
2
3
5
10
20
30
50
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage (Per Leg)
TJ = 150°C
100
°C
25
°C
100
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
0
20
40
60
80
100
120
140
160
180
200
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current (Per Leg)*
TJ = 150°C
100
°C
25
°C
*The curves shown are typical for the highest voltage device in the voltage grouping.
Typical reverse current for lower voltage selections can be estimated from these same
curves if VR is sufficiently below rated VR.
16
14
12
10
8
6
4
2
0
140
150
160
170
180
TC, CASE TEMPERATURE (5C)
Figure 3. Current Derating, Case (Per Leg)
SQUARE WAVE
RATED VOLTAGE APPLIED
dc
14
12
10
8
6
4
2
0
0
20
40
60
80
100
120
140
160
180
200
TA, AMBIENT TEMPERATURE (5C)
Figure 4. Current Derating, Ambient (Per Leg)
16
14
12
10
8
6
4
2
0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Power Dissipation (Per Leg)
24
68
10
12
14
16
RqJA = 15°C/W AS OBTAINED
USING A SMALL FINNED
HEAT SINK.
dc
SQUARE WAVE
dc
RqJA = 40°C/W
AS OBTAINED IN FREE AIR
WITH NO HEAT SINK.
SQUARE WAVE
TJ = 125°C
SQUARE WAVE
20
10
dc
(RESISTIVE LOAD)
IPK
IAV
=
π
(CAPACITIVE LOAD)
IPK
IAV
= 5


Similar Part No. - MUR3060WT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR3060WT MOTOROLA-MUR3060WT Datasheet
103Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
logo
Micro Commercial Compon...
MUR3060WT MCC-MUR3060WT Datasheet
103Kb / 3P
   30 Amp Super Fast Recovery Rectifier 200 to 600 Volts
logo
Digitron Semiconductors
MUR3060WT DIGITRON-MUR3060WT Datasheet
331Kb / 5P
   30A ULTRAFAST RECTIFIER
logo
Sangdest Microelectroni...
MUR3060WT SMC-MUR3060WT Datasheet
252Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
logo
Kersemi Electronic Co.,...
MUR3060WT KERSEMI-MUR3060WT Datasheet
1Mb / 3P
   High Surge Capability
More results

Similar Description - MUR3060WT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com