Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR120RL Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUR120RL
Description  SWITCHMODE Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR120RL Datasheet(HTML) 5 Page - ON Semiconductor

  MUR120RL Datasheet HTML 1Page - ON Semiconductor MUR120RL Datasheet HTML 2Page - ON Semiconductor MUR120RL Datasheet HTML 3Page - ON Semiconductor MUR120RL Datasheet HTML 4Page - ON Semiconductor MUR120RL Datasheet HTML 5Page - ON Semiconductor MUR120RL Datasheet HTML 6Page - ON Semiconductor MUR120RL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MUR120 Series
http://onsemi.com
5
Lead Length, L
Mounting
Method
1/8
1/4
1/2
Units
1
2
3
52
67
RqJA
65
72
80
87
50
°C/W
°C/W
°C/W
TYPICAL VALUES FOR RqJA IN STILL AIR
Data shown for thermal resistance, junction−to−ambient
(RqJA) for the mountings shown is to be used as typical
guideline values for preliminary engineering or in case the
tie point temperature cannot be measured.
NOTE 2. — AMBIENT MOUNTING DATA
MOUNTING METHOD 1
MOUNTING METHOD 2
MOUNTING METHOD 3
L
L
L
L
Vector Pin Mounting
L = 3/8
Board Ground Plane
P.C. Board with
1−1/2 X 1−1/2 Copper Surface


Similar Part No. - MUR120RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR120RL ONSEMI-MUR120RL Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR120RL KERSEMI-MUR120RL Datasheet
441Kb / 6P
   Ultrafast 25, 50 and 75 Nanosecond Recovery Times
MUR120RL KERSEMI-MUR120RL Datasheet
442Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
ON Semiconductor
MUR120RL ONSEMI-MUR120RL Datasheet
121Kb / 7P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 12
MUR120RLG ONSEMI-MUR120RLG Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
More results

Similar Description - MUR120RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com