Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5236T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MUN5236T1G
Description  Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5236T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MUN5236T1G Datasheet HTML 2Page - ON Semiconductor MUN5236T1G Datasheet HTML 3Page - ON Semiconductor MUN5236T1G Datasheet HTML 4Page - ON Semiconductor MUN5236T1G Datasheet HTML 5Page - ON Semiconductor MUN5236T1G Datasheet HTML 6Page - ON Semiconductor MUN5236T1G Datasheet HTML 7Page - ON Semiconductor MUN5236T1G Datasheet HTML 8Page - ON Semiconductor MUN5236T1G Datasheet HTML 9Page - ON Semiconductor MUN5236T1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MUN5211T1 Series
http://onsemi.com
8
TYPICAL ELECTRICAL CHARACTERISTICS − MUN5214T1
10
1
0.1
010
20
30
40
50
100
10
1
02
4
6
8
10
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8 10 1520 25 30 3540 4550
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 17. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
204060
80
Figure 18. DC Current Gain
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 21. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
−25°C
25°C
TA =75°C
VCE = 10
300
250
200
150
100
50
0
2468
15 20 40 50 60 70 80 90
f = 1 MHz
lE = 0 V
TA = 25°C
25°C
IC/IB = 10
TA =−25°C
TA =75°C
25°C
−25°C
VO = 0.2 V
TA =−25°C
75°C
VO = 5 V
25°C
75°C


Similar Part No. - MUN5236T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5236T1G ONSEMI-MUN5236T1G Datasheet
121Kb / 9P
   Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
August, 2012 ??Rev. 0
MUN5236T1G ONSEMI-MUN5236T1G Datasheet
136Kb / 10P
   Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
February, 2013 ??Rev. 2
MUN5236T1G ONSEMI-MUN5236T1G Datasheet
125Kb / 10P
   Digital Transistors (BRT)
November, 2016 ??Rev. 3
MUN5236T1G ONSEMI-MUN5236T1G Datasheet
136Kb / 10P
   Digital Transistors (BRT)
January, 2019 ??Rev. 5
More results

Similar Description - MUN5236T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com