Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR110RLG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUR110RLG
Description  SWITCHMODE Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR110RLG Datasheet(HTML) 1 Page - ON Semiconductor

  MUR110RLG Datasheet HTML 1Page - ON Semiconductor MUR110RLG Datasheet HTML 2Page - ON Semiconductor MUR110RLG Datasheet HTML 3Page - ON Semiconductor MUR110RLG Datasheet HTML 4Page - ON Semiconductor MUR110RLG Datasheet HTML 5Page - ON Semiconductor MUR110RLG Datasheet HTML 6Page - ON Semiconductor MUR110RLG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 10
1
Publication Order Number:
MUR120/D
MUR120 Series
Preferred Devices
SWITCHMODEt
Power Rectifiers
MUR105, MUR110, MUR115, MUR120,
MUR130, MUR140, MUR160
The MUR120 series of SWITCHMODE power rectifiers are
designed for use in switching power supplies, inverters and as free
wheeling diodes.
Features
Ultrafast 25, 50 and 75 Nanosecond Recovery Times
175°C Operating Junction Temperature
Low Forward Voltage
Low Leakage Current
High Temperature Glass Passivated Junction
Reverse Voltage to 600 V
Shipped in Plastic Bags; 1,000 per Bag
Available Tape and Reel; 5,000 per Reel, by adding a “RL’’ Suffix to
the Part Number
These are Pb−Free Devices*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 0.4 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Cathode Indicated by Polarity Band
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
ULTRAFAST RECTIFIERS
1.0 AMPERE, 50 − 600 VOLTS
http://onsemi.com
MARKING DIAGRAM
A
= Assembly Location
MUR1xx = Specific Device Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
A
MUR
1xx
YYWW
G
G
AXIAL LEAD
CASE 59
STYLE 1


Similar Part No. - MUR110RLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR110RLG ONSEMI-MUR110RLG Datasheet
121Kb / 7P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 12
More results

Similar Description - MUR110RLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com