Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB1620CTRG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MURB1620CTRG
Description  ULTRAFAST RECTIFIER 16 AMPERES, 200 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURB1620CTRG Datasheet(HTML) 5 Page - ON Semiconductor

  MURB1620CTRG Datasheet HTML 1Page - ON Semiconductor MURB1620CTRG Datasheet HTML 2Page - ON Semiconductor MURB1620CTRG Datasheet HTML 3Page - ON Semiconductor MURB1620CTRG Datasheet HTML 4Page - ON Semiconductor MURB1620CTRG Datasheet HTML 5Page - ON Semiconductor MURB1620CTRG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MUR1620CTR, MURB1620CTR
http://onsemi.com
5
PACKAGE DIMENSIONS
TO−220 THREE−LEAD
TO−220AB
CASE 221A−09
ISSUE AA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 7:
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. ANODE


Similar Part No. - MURB1620CTRG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MURB1620CTRG KERSEMI-MURB1620CTRG Datasheet
420Kb / 6P
   ULTRAFAST RECTIFIER 16 AMPERES, 200 VOLTS
logo
ON Semiconductor
MURB1620CTRG ONSEMI-MURB1620CTRG Datasheet
130Kb / 6P
   SWITCHMODE Power Rectifier
February, 2012 ??Rev. 8
MURB1620CTRG ONSEMI-MURB1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
logo
Thinki Semiconductor Co...
MURB1620CTRG THINKISEMI-MURB1620CTRG Datasheet
737Kb / 2P
   16.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifier Diodes
More results

Similar Description - MURB1620CTRG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1620CTR MOTOROLA-MUR1620CTR Datasheet
89Kb / 4P
   ULTRAFAST RECTIFIER 16 AMPERES 200 VOLTS
logo
Kersemi Electronic Co.,...
MUR1620CTR KERSEMI-MUR1620CTR Datasheet
420Kb / 6P
   ULTRAFAST RECTIFIER 16 AMPERES, 200 VOLTS
MURF1620CT KERSEMI-MURF1620CT Datasheet
412Kb / 4P
   ULTRAFAST RECTIFIER 16 AMPERES 200 VOLTS
logo
ON Semiconductor
MURF1620CT ONSEMI-MURF1620CT_06 Datasheet
111Kb / 4P
   ULTRAFAST RECTIFIER 16 AMPERES, 200 VOLTS
April, 2006 ??Rev. 5
logo
Motorola, Inc
MURB1620CT MOTOROLA-MURB1620CT Datasheet
105Kb / 6P
   ULTRAFAST RECTIFIER 16 AMPERES 200 VOLTS
logo
ON Semiconductor
MUR2020R ONSEMI-MUR2020R_06 Datasheet
56Kb / 4P
   ULTRAFAST RECTIFIER 20 AMPERES, 200 VOLTS
August, 2006 ??Rev. 4
logo
Motorola, Inc
MUR620CT MOTOROLA-MUR620CT Datasheet
69Kb / 4P
   ULTRAFAST RECTIFIER 6 AMPERES 200 VOLTS
logo
ON Semiconductor
MURD320 ONSEMI-MURD320_04 Datasheet
64Kb / 4P
   ULTRAFAST RECTIFIER 3.0 AMPERES, 200 VOLTS
August, 2004 ??Rev. 4
MURD620CT ONSEMI-MURD620CT_06 Datasheet
54Kb / 4P
   ULTRAFAST RECTIFIER 6.0 AMPERES 200 VOLTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MURF820 MOTOROLA-MURF820 Datasheet
81Kb / 4P
   ULTRAFAST RECTIFIER 8 AMPERES 200 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com