Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5232DW1T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUN5232DW1T1
Description  Dual Bias Resistor Transistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5232DW1T1 Datasheet(HTML) 3 Page - ON Semiconductor

  MUN5232DW1T1 Datasheet HTML 1Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 2Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 3Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 4Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 5Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 6Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 7Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 8Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MUN5211DW1T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, common for Q1 and Q2)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
MUN5211DW1T1, G
(VEB = 6.0 V, IC = 0)
MUN5212DW1T1, G
MUN5213DW1T1, G
MUN5214DW1T1, G
MUN5215DW1T1, G
MUN5216DW1T1, G
MUN5230DW1T1, G
MUN5231DW1T1, G
MUN5232DW1T1, G
MUN5233DW1T1, G
MUN5234DW1T1, G
MUN5235DW1T1, G
MUN5236DW1T1, G
MUN5237DW1T1, G
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 3) (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%
ON CHARACTERISTICS (Note 4)
DC Current Gain
MUN5211DW1T1, G
(VCE = 10 V, IC = 5.0 mA)
MUN5212DW1T1, G
MUN5213DW1T1, G
MUN5214DW1T1, G
MUN5215DW1T1, G
MUN5216DW1T1, G
MUN5230DW1T1, G
MUN5231DW1T1, G
MUN5232DW1T1, G
MUN5233DW1T1, G
MUN5234DW1T1, G
MUN5235DW1T1, G
MUN5236DW1T1, G
MUN5237DW1T1, G
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
150
140


Similar Part No. - MUN5232DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5232DW1T1 MOTOROLA-MUN5232DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
ON Semiconductor
MUN5232DW1T1 ONSEMI-MUN5232DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5232DW1T1 LRC-MUN5232DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5232DW1T1 ONSEMI-MUN5232DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
E-Tech Electronics LTD
MUN5232DW1T1 ETL-MUN5232DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
More results

Similar Description - MUN5232DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com