Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR460FF Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUR460FF
Description  SWITCHMODE TM Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR460FF Datasheet(HTML) 5 Page - ON Semiconductor

  MUR460FF Datasheet HTML 1Page - ON Semiconductor MUR460FF Datasheet HTML 2Page - ON Semiconductor MUR460FF Datasheet HTML 3Page - ON Semiconductor MUR460FF Datasheet HTML 4Page - ON Semiconductor MUR460FF Datasheet HTML 5Page - ON Semiconductor MUR460FF Datasheet HTML 6Page - ON Semiconductor MUR460FF Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
http://onsemi.com
5
MUR440, MUR460
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.5
1.1
0.7
1.5
0.03
0.1
0.3
0.2
2.0
1.0
0.02
20
7.0
3.0
0.5
5.0
0.05
VR, REVERSE VOLTAGE (VOLTS)
0
200
100
400
40
80
0.008
0.004
200
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
300
700
Figure 7. Typical Reverse Current
TA, AMBIENT TEMPERATURE (°C)
Figure 8. Current Derating
(Mounting Method #3 Per Note 2)
Figure 9. Power Dissipation
0
2.0
2.0
4.0
6.0
8.0
0
4.0
6.0
8.0
IF(AV), AVERAGE FORWARD CURRENT (A)
Figure 10. Typical Capacitance
0.7
10
0.07
1.9
2.1
2.3
100°C
TJ = 175°C
25°C
600
500
0.08
0.04
0.02
100°C
25°C
IPK
IAV
dc
SQUAREWAVE
1.0
3.0
5.0
7.0
10
12
14
0.3
0.9
1.3
1.7
40
20
30
4.0
10
VR, REVERSE VOLTAGE (VOLTS)
5.0
6.0
7.0
8.0
9.0
10
20
30
50
40
0
TJ = 25°C
400
9.0
10
5.0
10
(Capacitive
Load)
=20
0
20
40
60
80
100 120 140 160 180 200
0
1
2
3
4
5
6
7
8
Rated VR
RqJA = 28°C/W
SQUAREWAVE
DC


Similar Part No. - MUR460FF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR460FFG ONSEMI-MUR460FFG Datasheet
118Kb / 8P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 15
More results

Similar Description - MUR460FF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR480E ONSEMI-MUR480E_07 Datasheet
88Kb / 6P
   SWITCHMODE TM Power Rectifiers
February, 2007 ??Rev. 7
BYW80 ONSEMI-BYW80 Datasheet
59Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 2
BYW29 ONSEMI-BYW29 Datasheet
56Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 1
MUR210 ONSEMI-MUR210_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
February, 2006 ??Rev. 1
MUR240 ONSEMI-MUR240_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
MBR4015CTL ONSEMI-MBR4015CTL Datasheet
49Kb / 4P
   SWITCHMODE TM Power Rectifier
September, 2005 ??Rev. 4
BYV32-200 ONSEMI-BYV32-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 2
MUR260 ONSEMI-MUR260_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 4
BYW51-200 ONSEMI-BYW51-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 3
MUR220 ONSEMI-MUR220_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com