Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5216DW1T1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUN5216DW1T1
Description  Dual Bias Resistor Transistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5216DW1T1 Datasheet(HTML) 5 Page - ON Semiconductor

  MUN5216DW1T1 Datasheet HTML 1Page - ON Semiconductor MUN5216DW1T1 Datasheet HTML 2Page - ON Semiconductor MUN5216DW1T1 Datasheet HTML 3Page - ON Semiconductor MUN5216DW1T1 Datasheet HTML 4Page - ON Semiconductor MUN5216DW1T1 Datasheet HTML 5Page - ON Semiconductor MUN5216DW1T1 Datasheet HTML 6Page - ON Semiconductor MUN5216DW1T1 Datasheet HTML 7Page - ON Semiconductor MUN5216DW1T1 Datasheet HTML 8Page - ON Semiconductor MUN5216DW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MUN5211DW1T1 Series
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, common for Q1 and Q2) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 5) (Continued)
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
MUN5211DW1T1, G
MUN5212DW1T1, G
MUN5213DW1T1, G
MUN5214DW1T1, G
MUN5233DW1T1, G
MUN5234DW1T1, G
MUN5235DW1T1, G
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
MUN5230DW1T1, G
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
MUN5215DW1T1, G
MUN5216DW1T1, G
MUN5231DW1T1, G
MUN5232DW1T1, G
MUN5236DW1T1, G
MUN5237DW1T1, G
VOH
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
Vdc
Input Resistor
MUN5211DW1T1, G
MUN5212DW1T1, G
MUN5213DW1T1, G
MUN5214DW1T1, G
MUN5215DW1T1, G
MUN5216DW1T1, G
MUN5230DW1T1, G
MUN5231DW1T1, G
MUN5232DW1T1, G
MUN5233DW1T1, G
MUN5234DW1T1, G
MUN5235DW1T1, G
MUN5236DW1T1, G
MUN5237DW1T1, G
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
k
W
Resistor Ratio MUN5211DW1T1, G/MUN5212DW1T1, G/
MUN5213DW1T1, G/MUN5236DW1T1, G
MUN5214DW1T1, G
MUN5215DW1T1, G/MUN5216DW1T1, G
MUN5230DW1T1, G/MUN5231DW1T1, G/MUN5232DW1T1, G
MUN5233DW1T1, G
MUN5234DW1T1, G
MUN5235DW1T1, G
MUN5237DW1T1, G
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
5. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%
Figure 1. Derating Curve
300
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 833°C/W
250
ALL MUN5211DW1T1 SERIES DEVICES


Similar Part No. - MUN5216DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5216DW1T1 MOTOROLA-MUN5216DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
ON Semiconductor
MUN5216DW1T1 ONSEMI-MUN5216DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5216DW1T1 LRC-MUN5216DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5216DW1T1 ONSEMI-MUN5216DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
E-Tech Electronics LTD
MUN5216DW1T1 ETL-MUN5216DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
More results

Similar Description - MUN5216DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com