Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5135T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN5135T1
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5135T1 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN5135T1 Datasheet HTML 1Page - ON Semiconductor MUN5135T1 Datasheet HTML 2Page - ON Semiconductor MUN5135T1 Datasheet HTML 3Page - ON Semiconductor MUN5135T1 Datasheet HTML 4Page - ON Semiconductor MUN5135T1 Datasheet HTML 5Page - ON Semiconductor MUN5135T1 Datasheet HTML 6Page - ON Semiconductor MUN5135T1 Datasheet HTML 7Page - ON Semiconductor MUN5135T1 Datasheet HTML 8Page - ON Semiconductor MUN5135T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MUN5111T1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
MUN5130T1
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
MUN5115T1
MUN5116T1
MUN5131T1
MUN5132T1
VOH
4.9
Vdc
Input Resistor
MUN5111T1
MUN5112T1
MUN5113T1
MUN5114T1
MUN5115T1
MUN5116T1
MUN5130T1
MUN5131T1
MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
MUN5136T1
MUN5137T1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
k
W
Resistor Ratio
MUN5111T1/MUN5112T1/MUN5113T1/MUN5136T1
MUN5114T1
MUN5115T1/MUN5116T1
MUN5130T1/MUN5131T1/MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
MUN5137T1
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
Figure 1. Derating Curve
250
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 833°C/W


Similar Part No. - MUN5135T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN5135T1 LRC-MUN5135T1 Datasheet
205Kb / 11P
   Bias Resistor Transistor
logo
ON Semiconductor
MUN5135T1 ONSEMI-MUN5135T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
MUN5135T1G ONSEMI-MUN5135T1G Datasheet
131Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 47 k
September, 2012 ??Rev. 1
MUN5135T1G ONSEMI-MUN5135T1G Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
MUN5135T1G ONSEMI-MUN5135T1G Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

Similar Description - MUN5135T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com