Part Name
         Description
MUR820_06

 ULTRAFAST RECTIFIERS 8.0 AMPERES, 50−600 VOLTS ( 7 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 3 page
background image
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
http://onsemi.com
3
MUR805, MUR810, MUR815, MUR820
Figure 1. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0.5
0.3
0.7
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
1.2
VR, REVERSE VOLTAGE (VOLTS)
060
40
100
120
1000
0.1
0.01
10
100
TJ = 175°C
20
80
200
Figure 2. Typical Reverse Current*
TA, AMBIENT TEMPERATURE (°C)
0
12
2.0
6.0
4.0
14
0
20
40
60
80
200
TC, CASE TEMPERATURE (°C)
140
150
0
2.0
1.0
3.0
5.0
4.0
180
Figure 3. Current Derating, Case
Figure 4. Current Derating, Ambient
0
1.0
6.0
10
0
1.0
2.0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Power Dissipation
0.4
0.7
10
70
0.9
1.1
100
°C
TJ = 175°C
25
°C
160
180
140
1.0
100
°C
25
°C
170
160
* The curves shown are typical for the highest voltage device in the
grouping. Typical reverse current for lower voltage selections can be
estimated from these same curves if VR is sufficiently below rated VR.
TJ = 175°C
3.0
4.0
10
5.0
2.0
RATED VR APPLIED
dc
SQUARE WAVE
SQUARE WAVE
0.6
0.8
1.0
100
120
140
160
180
8.0
10
dc
5.0
6.0
7.0
8.0
9.0
3.0
4.0
9.0
8.0
7.0
7.0
6.0
8.0
10
9.0
SQUARE WAVE
dc
SQUARE WAVE
dc
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEAT SINK)



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
MUR490E_06ULTRAFAST RECTIFIERS 4.0 AMPS 900 - 1000 VOLTS 1 2 3 4 5 ON Semiconductor
MJE15032_058.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS 1 2 3 4 5 MoreON Semiconductor
MUR620CT_06ULTRAFAST RECTIFIER 6.0 AMPERES 200 VOLTS 1 2 3 4 ON Semiconductor
2N6394_06Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 ON Semiconductor
2N6400_04Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
2N6504_06Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
MJE15034_064.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS 1 2 3 4 5 ON Semiconductor
MURA205T3Surface Mount Ultrafast Power Rectifiers 1 2 3 4 ON Semiconductor
MJF44H11_06SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS 36 WATTS 1 2 3 4 5 ON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl