Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5133T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUN5133T1
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5133T1 Datasheet(HTML) 3 Page - ON Semiconductor

  MUN5133T1 Datasheet HTML 1Page - ON Semiconductor MUN5133T1 Datasheet HTML 2Page - ON Semiconductor MUN5133T1 Datasheet HTML 3Page - ON Semiconductor MUN5133T1 Datasheet HTML 4Page - ON Semiconductor MUN5133T1 Datasheet HTML 5Page - ON Semiconductor MUN5133T1 Datasheet HTML 6Page - ON Semiconductor MUN5133T1 Datasheet HTML 7Page - ON Semiconductor MUN5133T1 Datasheet HTML 8Page - ON Semiconductor MUN5133T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MUN5111T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
MUN5111T1
(VEB = 6.0 V, IC = 0)
MUN5112T1
MUN5113T1
MUN5114T1
MUN5115T1
MUN5116T1
MUN5130T1
MUN5131T1
MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
MUN5136T1
MUN5137T1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 4)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 4)
DC Current Gain
MUN5111T1
(VCE = 10 V, IC = 5.0 mA)
MUN5112T1
MUN5113T1
MUN5114T1
MUN5115T1
MUN5116T1
MUN5130T1
MUN5131T1
MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
MUN5136T1
MUN5137T1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
250
250
5.0
15
27
140
130
140
150
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB = 5 mA)
MUN5130T1/MUN5131T1
(IC = 10 mA, IB = 1 mA)
MUN5115T1/MUN5116T1/
MUN5132T1/MUN5133T1/MUN5134T1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
MUN5111T1
MUN5112T1
MUN5114T1
MUN5115T1
MUN5116T1
MUN5130T1
MUN5131T1
MUN5132T1
MUN5133T1
MUN5134T1
MUN5135T1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
MUN5113T1
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
MUN5136T1
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
MUN5137T1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
4. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Similar Part No. - MUN5133T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5133T1 MOTOROLA-MUN5133T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MUN5133T1 ONSEMI-MUN5133T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Leshan Radio Company
MUN5133T1 LRC-MUN5133T1 Datasheet
205Kb / 11P
   Bias Resistor Transistor
logo
ON Semiconductor
MUN5133T1 ONSEMI-MUN5133T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
MUN5133T1G ONSEMI-MUN5133T1G Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
More results

Similar Description - MUN5133T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com