Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5132DW1T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUN5132DW1T1G
Description  Dual Bias Resistor Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5132DW1T1G Datasheet(HTML) 1 Page - ON Semiconductor

  MUN5132DW1T1G Datasheet HTML 1Page - ON Semiconductor MUN5132DW1T1G Datasheet HTML 2Page - ON Semiconductor MUN5132DW1T1G Datasheet HTML 3Page - ON Semiconductor MUN5132DW1T1G Datasheet HTML 4Page - ON Semiconductor MUN5132DW1T1G Datasheet HTML 5Page - ON Semiconductor MUN5132DW1T1G Datasheet HTML 6Page - ON Semiconductor MUN5132DW1T1G Datasheet HTML 7Page - ON Semiconductor MUN5132DW1T1G Datasheet HTML 8Page - ON Semiconductor MUN5132DW1T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 6
1
Publication Order Number:
MUN5111DW1T1/D
MUN5111DW1T1 Series
Preferred Devices
Dual Bias Resistor
Transistors
PNP Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
The BRT (Bias Resistor Transistor) contains a single transistor with a
monolithic bias network consisting of two resistors; a series base resistor
and a base−emitter resistor. These digital transistors are designed to
replace a single device and its external resistor bias network. The BRT
eliminates these individual components by integrating them into a single
device. In the MUN5111DW1T1 series, two BRT devices are housed in
the SOT−363 package which is ideal for low−power surface mount
applications where board space is at a premium.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Pb−Free Packages are Available
MAXIMUM RATINGS
(TA = 25°C unless otherwise noted, common for Q1 and Q2)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
−50
Vdc
Collector-Emitter Voltage
VCEO
−50
Vdc
Collector Current
IC
−100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
187 (Note 1)
256 (Note 2)
1.5 (Note 1)
2.0 (Note 2)
mW
mW/
°C
Thermal Resistance,
Junction-to-Ambient
RqJA
670 (Note 1)
490 (Note 2)
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
250 (Note 1)
385 (Note 2)
2.0 (Note 1)
3.0 (Note 2)
mW
mW/
°C
Thermal Resistance,
Junction-to-Ambient
RqJA
493 (Note 1)
325 (Note 2)
°C/W
Thermal Resistance,
Junction-to-Lead
RqJL
188 (Note 1)
208 (Note 2)
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−4 @ Minimum Pad
2. FR−4 @ 1.0 x 1.0 inch Pad
Preferred devices are recommended choices for future use
and best overall value.
DEVICE MARKING INFORMATION
See specific marking information in the device marking table
on page 2 of this data sheet.
Q1
R1
R2
R2
R1
Q2
(1)
(2)
(3)
(4)
(5)
(6)
http://onsemi.com
SOT−363
CASE 419B
STYLE 1
MARKING DIAGRAM
1
1
6
See detailed ordering and shipping information in the table on
page 2 of this data sheet.
ORDERING INFORMATION
xx
= Device Code (Refer to page 2)
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
xx M
G
G


Similar Part No. - MUN5132DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5132DW1T1G ONSEMI-MUN5132DW1T1G Datasheet
232Kb / 20P
   Dual Bias Resistor Transistors
October, 2009 ??Rev. 8
More results

Similar Description - MUN5132DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com