Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNR008 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SNR008
Description  8M-bit Mask ROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR008 Datasheet(HTML) 2 Page - SONiX Technology Company

  SNR008_05 Datasheet HTML 1Page - SONiX Technology Company SNR008_05 Datasheet HTML 2Page - SONiX Technology Company SNR008_05 Datasheet HTML 3Page - SONiX Technology Company SNR008_05 Datasheet HTML 4Page - SONiX Technology Company SNR008_05 Datasheet HTML 5Page - SONiX Technology Company SNR008_05 Datasheet HTML 6Page - SONiX Technology Company SNR008_05 Datasheet HTML 7Page - SONiX Technology Company SNR008_05 Datasheet HTML 8Page - SONiX Technology Company SNR008_05 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SNR008
8M-bit Mask ROM
AMENDENT HISTORY
Version
Date
Description
Ver 1.0
March 11, 2003
V1.0 first issue
Ver 1.1
April 18, 2003
Modify the pin assignment table
Add bonding pad information & application circuit
Ver 1.2
April 21, 2003
Modify application circuit & bonding pad information
Ver 1.3
July 30, 2003
Modify operation current from typ.4mA -> MAX. 4mA
Ver 1.5
October 21, 2005
According to Ver 1.4 PDF for Modify “TYPE” setting.
Ver 1.5 Modify Supply Voltage from Max 6V to Max 3.6V
Ver. 1.5
October 21, 2005
2


Similar Part No. - SNR008_05

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
   8M-bit Mask ROM
More results

Similar Description - SNR008_05

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
   8M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
   8M-BIT MASK ROM
logo
Macronix International
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
   8M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com