Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5130DW1T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUN5130DW1T1
Description  Dual Bias Resistor Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5130DW1T1 Datasheet(HTML) 2 Page - ON Semiconductor

  MUN5130DW1T1 Datasheet HTML 1Page - ON Semiconductor MUN5130DW1T1 Datasheet HTML 2Page - ON Semiconductor MUN5130DW1T1 Datasheet HTML 3Page - ON Semiconductor MUN5130DW1T1 Datasheet HTML 4Page - ON Semiconductor MUN5130DW1T1 Datasheet HTML 5Page - ON Semiconductor MUN5130DW1T1 Datasheet HTML 6Page - ON Semiconductor MUN5130DW1T1 Datasheet HTML 7Page - ON Semiconductor MUN5130DW1T1 Datasheet HTML 8Page - ON Semiconductor MUN5130DW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MUN5111DW1T1 Series
http://onsemi.com
2
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R1 (K)
R2 (K)
Shipping
MUN5111DW1T1
SOT−363
0A
10
10
3000/Tape & Reel
MUN5111DW1T1G
SOT−363
(Pb−Free)
0A
10
10
3000/Tape & Reel
MUN5112DW1T1
SOT−363
0B
22
22
3000/Tape & Reel
MUN5112DW1T1G
SOT−363
(Pb−Free)
0B
22
22
3000/Tape & Reel
MUN5113DW1T1
SOT−363
0C
47
47
3000/Tape & Reel
MUN5113DW1T1G
SOT−363
(Pb−Free)
0C
47
47
3000/Tape & Reel
MUN5114DW1T1
SOT−363
0D
10
47
3000/Tape & Reel
MUN5114DW1T1G
SOT−363
(Pb−Free)
0D
10
47
3000/Tape & Reel
MUN5115DW1T1
SOT−363
0E
10
3000/Tape & Reel
MUN5115DW1T1G
SOT−363
(Pb−Free)
0E
10
3000/Tape & Reel
MUN5116DW1T1
SOT−363
0F
4.7
3000/Tape & Reel
MUN5116DW1T1G
SOT−363
(Pb−Free)
0F
4.7
3000/Tape & Reel
MUN5130DW1T1
SOT−363
0G
1.0
1.0
3000/Tape & Reel
MUN5130DW1T1G
SOT−363
(Pb−Free)
0G
1.0
1.0
3000/Tape & Reel
MUN5131DW1T1
SOT−363
0H
2.2
2.2
3000/Tape & Reel
MUN5131DW1T1G
SOT−363
(Pb−Free)
0H
2.2
2.2
3000/Tape & Reel
MUN5132DW1T1
SOT−363
0J
4.7
4.7
3000/Tape & Reel
MUN5132DW1T1G
SOT−363
(Pb−Free)
0J
4.7
4.7
3000/Tape & Reel
MUN5133DW1T1
SOT−363
0K
4.7
47
3000/Tape & Reel
MUN5133DW1T1G
SOT−363
(Pb−Free)
0K
4.7
47
3000/Tape & Reel
MUN5134DW1T1
SOT−363
0L
22
47
3000/Tape & Reel
MUN5134DW1T1G
SOT−363
(Pb−Free)
0L
22
47
3000/Tape & Reel
MUN5135DW1T1
SOT−363
0M
2.2
47
3000/Tape & Reel
MUN5135DW1T1G
SOT−363
(Pb−Free)
0M
2.2
47
3000/Tape & Reel
MUN5136DW1T1
SOT−363
0N
100
100
3000/Tape & Reel
MUN5136DW1T1G
SOT−363
(Pb−Free)
0N
100
100
3000/Tape & Reel
MUN5137DW1T1
SOT−363
0P
47
22
3000/Tape & Reel
MUN5137DW1T1G
SOT−363
(Pb−Free)
0P
47
22
3000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MUN5130DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5130DW1T1 MOTOROLA-MUN5130DW1T1 Datasheet
216Kb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5130DW1T1 ONSEMI-MUN5130DW1T1 Datasheet
172Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5130DW1T1 LRC-MUN5130DW1T1 Datasheet
280Kb / 11P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5130DW1T1G ONSEMI-MUN5130DW1T1G Datasheet
232Kb / 20P
   Dual Bias Resistor Transistors
October, 2009 ??Rev. 8
MUN5130DW1T1G ONSEMI-MUN5130DW1T1G Datasheet
75Kb / 6P
   Dual PNP Bias Resistor Transistors
November, 2013 ??Rev. 2
More results

Similar Description - MUN5130DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com