Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5113T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUN5113T3G
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5113T3G Datasheet(HTML) 2 Page - ON Semiconductor

  MUN5113T3G Datasheet HTML 1Page - ON Semiconductor MUN5113T3G Datasheet HTML 2Page - ON Semiconductor MUN5113T3G Datasheet HTML 3Page - ON Semiconductor MUN5113T3G Datasheet HTML 4Page - ON Semiconductor MUN5113T3G Datasheet HTML 5Page - ON Semiconductor MUN5113T3G Datasheet HTML 6Page - ON Semiconductor MUN5113T3G Datasheet HTML 7Page - ON Semiconductor MUN5113T3G Datasheet HTML 8Page - ON Semiconductor MUN5113T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MUN5111T1 Series
http://onsemi.com
2
ORDERING INFORMATION AND RESISTOR VALUES
Device
Package
Marking
R1 (K)
R2 (K)
Shipping
MUN5111T1
SC−70/SOT−323
6A
10
10
3000/Tape & Reel
MUN5111T1G
SC−70/SOT−323
(Pb−Free)
6A
10
10
3000/Tape & Reel
MUN5112T1
SC−70/SOT−323
6B
22
22
3000/Tape & Reel
MUN5112T1G
SC−70/SOT−323
(Pb−Free)
6B
22
22
3000/Tape & Reel
MUN5113T1
SC−70/SOT−323
6C
47
47
3000/Tape & Reel
MUN5113T1G
SC−70/SOT−323
(Pb−Free)
6C
47
47
3000/Tape & Reel
MUN5113T3
SC−70/SOT−323
6C
47
47
10,000/Tape & Reel
MUN5113T3G
SC−70/SOT−323
(Pb−Free)
6C
47
47
10,000/Tape & Reel
MUN5113T1G
SC−70/SOT−323
(Pb−Free)
6C
47
47
3000/Tape & Reel
MUN5114T1
SC−70/SOT−323
6D
10
47
3000/Tape & Reel
MUN5114T1G
SC−70/SOT−323
(Pb−Free)
6D
10
47
3000/Tape & Reel
MUN5115T1 (Note 3)
SC−70/SOT−323
6E
10
3000/Tape & Reel
MUN5115T1G (Note 3)
SC−70/SOT−323
(Pb−Free)
6E
10
3000/Tape & Reel
MUN5116T1 (Note 3)
SC−70/SOT−323
6F
4.7
3000/Tape & Reel
MUN5116T1G (Note 3)
SC−70/SOT−323
(Pb−Free)
6F
4.7
3000/Tape & Reel
MUN5130T1 (Note 3)
SC−70/SOT−323
6G
1.0
1.0
3000/Tape & Reel
MUN5130T1G (Note 3)
SC−70/SOT−323
(Pb−Free)
6G
1.0
1.0
3000/Tape & Reel
MUN5131T1 (Note 3)
SC−70/SOT−323
6H
2.2
2.2
3000/Tape & Reel
MUN5131T1G (Note 3)
SC−70/SOT−323
(Pb−Free)
6H
2.2
2.2
3000/Tape & Reel
MUN5132T1 (Note 3)
SC−70/SOT−323
6J
4.7
4.7
3000/Tape & Reel
MUN5132T1G (Note 3)
SC−70/SOT−323
(Pb−Free)
6J
4.7
4.7
3000/Tape & Reel
MUN5133T1 (Note 3)
SC−70/SOT−323
6K
4.7
47
3000/Tape & Reel
MUN5133T1G (Note 3)
SC−70/SOT−323
(Pb−Free)
6K
4.7
47
3000/Tape & Reel
MUN5134T1 (Note 3)
SC−70/SOT−323
6L
22
47
3000/Tape & Reel
MUN5134T1G (Note 3)
SC−70/SOT−323
(Pb−Free)
6L
22
47
3000/Tape & Reel
MUN5135T1 (Note 3)
SC−70/SOT−323
6M
2.2
47
3000/Tape & Reel
MUN5135T1G (Note 3)
SC−70/SOT−323
(Pb−Free)
6M
2.2
47
3000/Tape & Reel
MUN5136T1
SC−70/SOT−323
6N
100
100
3000/Tape & Reel
MUN5136T1G
SC−70/SOT−323
(Pb−Free)
6N
100
100
3000/Tape & Reel
MUN5137T1
SC−70/SOT−323
6P
47
22
3000/Tape & Reel
MUN5137T1G
SC−70/SOT−323
(Pb−Free)
6P
47
22
3000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
3. New devices. Updated curves to follow in subsequent data sheets.


Similar Part No. - MUN5113T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5113T3G ONSEMI-MUN5113T3G Datasheet
147Kb / 13P
   Bias Resistor Transistors
October, 2010 ??Rev. 10
MUN5113T3G ONSEMI-MUN5113T3G Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
September, 2012 ??Rev. 1
MUN5113T3G ONSEMI-MUN5113T3G Datasheet
113Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 kA
January, 2015 ??Rev. 4
MUN5113T3G ONSEMI-MUN5113T3G Datasheet
202Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - MUN5113T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com