Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2131T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MUN2131T1
Description  Bias Resistor Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2131T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MUN2131T1 Datasheet HTML 5Page - ON Semiconductor MUN2131T1 Datasheet HTML 6Page - ON Semiconductor MUN2131T1 Datasheet HTML 7Page - ON Semiconductor MUN2131T1 Datasheet HTML 8Page - ON Semiconductor MUN2131T1 Datasheet HTML 9Page - ON Semiconductor MUN2131T1 Datasheet HTML 10Page - ON Semiconductor MUN2131T1 Datasheet HTML 11Page - ON Semiconductor MUN2131T1 Datasheet HTML 12Page - ON Semiconductor MUN2131T1 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MUN2111T1 Series
http://onsemi.com
11
TYPICAL ELECTRICAL CHARACTERISTICS — MUN2136T1
75
°C
25
°C
−25
°C
Figure 33. Maximum Collector Voltage vs.
Collector Current
Figure 34. DC Current Gain
Figure 35. Output Capacitance
Figure 36. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 37. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
7
6
5
4
3
2
1
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.01
1000
1.2
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.1
1
10
10
9
8
7
100
12
10
8
6
4
2
0
1
10
18
16
14
20
IC/IB = 10
75
°C
25
°C
TA = −25°C
VCE = 10 V
75
°C
25
°C
TA = −25°C
VO = 5 V
VO = 0.2 V
75
°C
25
°C
TA = −25°C
f = 1 MHz
IE = 0 V
TA = 25°C


Similar Part No. - MUN2131T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN2131T1 MOTOROLA-MUN2131T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MUN2131T1 ONSEMI-MUN2131T1 Datasheet
236Kb / 12P
   Bias Resistor Transistor
January, 2005 ??Rev. 14
MUN2131T1G ONSEMI-MUN2131T1G Datasheet
133Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 4
MUN2131T1G ONSEMI-MUN2131T1G Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MUN2131T1G ONSEMI-MUN2131T1G Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - MUN2131T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com