Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5114DW1T1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MUN5114DW1T1
Description  Dual Bias Resistor Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5114DW1T1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MUN5114DW1T1 Datasheet HTML 5Page - ON Semiconductor MUN5114DW1T1 Datasheet HTML 6Page - ON Semiconductor MUN5114DW1T1 Datasheet HTML 7Page - ON Semiconductor MUN5114DW1T1 Datasheet HTML 8Page - ON Semiconductor MUN5114DW1T1 Datasheet HTML 9Page - ON Semiconductor MUN5114DW1T1 Datasheet HTML 10Page - ON Semiconductor MUN5114DW1T1 Datasheet HTML 11Page - ON Semiconductor MUN5114DW1T1 Datasheet HTML 12Page - ON Semiconductor MUN5114DW1T1 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MUN5111DW1T1 Series
http://onsemi.com
9
TYPICAL ELECTRICAL CHARACTERISTICS — MUN5115DW1T1
75
°C
25
°C
−25
°C
Figure 22. VCE(sat) versus IC
Figure 23. DC Current Gain
Figure 24. Output Capacitance
Figure 25. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 26. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
6
45
50
40
30
20
10
0
0
2
4
8
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75
°C
25
°C
TA = −25°C
75
°C
25
°C
TA = −25°C
75
°C
25
°C
TA = −25°C
0.01
35
25
15
5
0.01
0.1
30
10
12
IC/IB = 10
VCE = 10 V
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V


Similar Part No. - MUN5114DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5114DW1T1 MOTOROLA-MUN5114DW1T1 Datasheet
216Kb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5114DW1T1 ONSEMI-MUN5114DW1T1 Datasheet
172Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5114DW1T1 LRC-MUN5114DW1T1 Datasheet
280Kb / 11P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5114DW1T1G ONSEMI-MUN5114DW1T1G Datasheet
232Kb / 20P
   Dual Bias Resistor Transistors
October, 2009 ??Rev. 8
MUN5114DW1T1G ONSEMI-MUN5114DW1T1G Datasheet
124Kb / 8P
   Dual PNP Bias Resistor Transistors R1 = 10 k, R2 = 47 k
September, 2012 ??Rev. 0
More results

Similar Description - MUN5114DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com