Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5111T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUN5111T1G
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5111T1G Datasheet(HTML) 1 Page - ON Semiconductor

  MUN5111T1G Datasheet HTML 1Page - ON Semiconductor MUN5111T1G Datasheet HTML 2Page - ON Semiconductor MUN5111T1G Datasheet HTML 3Page - ON Semiconductor MUN5111T1G Datasheet HTML 4Page - ON Semiconductor MUN5111T1G Datasheet HTML 5Page - ON Semiconductor MUN5111T1G Datasheet HTML 6Page - ON Semiconductor MUN5111T1G Datasheet HTML 7Page - ON Semiconductor MUN5111T1G Datasheet HTML 8Page - ON Semiconductor MUN5111T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
MUN5111T1/D
MUN5111T1 Series
Preferred Devices
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a
base−emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT
can reduce both system cost and board space. The device is housed in
the SC−70/SOT−323 package which is designed for low power
surface mount applications.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
The SC−70/SOT−323 package can be soldered using wave or reflow.
The modified gull−winged leads absorb thermal stress during
soldering eliminating the possibility of damage to the die.
Available in 8 mm embossed tape and reel − Use the Device Number
to order the 7 inch/3000 unit reel. Replace “T1” with “T3” in the
Device Number to order the 13 inch/10,000 unit reel.
Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
202 (Note 1)
310 (Note 2)
1.6 (Note 1)
2.5 (Note 2)
mW
°C/W
Thermal Resistance, Junction-to-Ambient
RqJA
618 (Note 1)
403 (Note 2)
°C/W
Thermal Resistance, Junction-to-Lead
RqJL
280 (Note 1)
332 (Note 2)
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad
2. FR−4 @ 1.0 x 1.0 inch Pad
PNP SILICON
BIAS RESISTOR
TRANSISTORS
SC−70/SOT−323
CASE 419
STYLE 3
Preferred devices are recommended choices for future use
and best overall value.
3
2
1
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
MARKING DIAGRAM
ORDERING INFORMATION
See specific ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
http://onsemi.com
6x
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
6x M
G
G


Similar Part No. - MUN5111T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111T1G ONSEMI-MUN5111T1G Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
MUN5111T1G ONSEMI-MUN5111T1G Datasheet
147Kb / 13P
   Bias Resistor Transistors
October, 2010 ??Rev. 10
MUN5111T1G ONSEMI-MUN5111T1G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
MUN5111T1G ONSEMI-MUN5111T1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k PNP Transistors with Monolithic Bias Resistor Network
December, 2013 ??Rev. 7
MUN5111T1G ONSEMI-MUN5111T1G Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 8
More results

Similar Description - MUN5111T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com