Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33063AVDR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33063AVDR2
Description  1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AVDR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33063AVDR2 Datasheet HTML 5Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 6Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 7Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 8Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 9Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 10Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 11Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 12Page - ON Semiconductor MC33063AVDR2 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MC34063A, MC33063A, NCV33063A
http://onsemi.com
10
Calculation
Step−Up
Step−Down
Voltage−Inverting
ton/toff
Vout ) VF * Vin(min)
V
in(min) *
Vsat
Vout ) VF
V
in(min) *
Vsat * Vout
|Vout| ) VF
V
in *
Vsat
(ton + toff)
1
f
1
f
1
f
toff
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton
(ton + toff) − toff
(ton + toff) − toff
(ton + toff) − toff
CT
4.0 x 10−5 ton
4.0 x 10−5 ton
4.0 x 10−5 ton
Ipk(switch)
2I
out(max)
ton
t
off
) 1
2I
out(max)
2I
out(max)
ton
t
off
) 1
Rsc
0.3/Ipk(switch)
0.3/Ipk(switch)
0.3/Ipk(switch)
L(min)
(V
in(min) *
Vsat)
I
pk(switch)
t
on(max)
(V
in(min) *
Vsat * Vout)
I
pk(switch)
t
on(max)
(V
in(min) *
Vsat)
I
pk(switch)
t
on(max)
CO
9
Ioutton
V
ripple(pp)
I
pk(switch)
(ton ) toff)
8V
ripple(pp)
9
Ioutton
V
ripple(pp)
Vsat = Saturation voltage of the output switch.
VF = Forward voltage drop of the output rectifier.
The following power supply characteristics must be chosen:
Vin − Nominal input voltage.
Vout − Desired output voltage,
Iout − Desired output current.
fmin − Minimum desired output switching frequency at the selected values of Vin and IO.
Vripple(pp) − Desired peak−to−peak output ripple voltage. In practice, the calculated capacitor value will need to be increased due to its
equivalent series resistance and board layout. The ripple voltage should be kept to a low value since it will directly affect the
line and load regulation.
NOTE:
For further information refer to Application Note AN920A/D and AN954/D.
|Vout| + 1.25 1 )
R2
R1
Figure 15. Design Formula Table


Similar Part No. - MC33063AVDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33063AVDR2 ONSEMI-MC33063AVDR2 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
MC33063AVDR2 ONSEMI-MC33063AVDR2 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVDR2 ONSEMI-MC33063AVDR2 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVDR2 ONSEMI-MC33063AVDR2 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVDR2G ONSEMI-MC33063AVDR2G Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results

Similar Description - MC33063AVDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com