Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5111DW1T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN5111DW1T1
Description  Dual Bias Resistor Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5111DW1T1 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN5111DW1T1 Datasheet HTML 1Page - ON Semiconductor MUN5111DW1T1 Datasheet HTML 2Page - ON Semiconductor MUN5111DW1T1 Datasheet HTML 3Page - ON Semiconductor MUN5111DW1T1 Datasheet HTML 4Page - ON Semiconductor MUN5111DW1T1 Datasheet HTML 5Page - ON Semiconductor MUN5111DW1T1 Datasheet HTML 6Page - ON Semiconductor MUN5111DW1T1 Datasheet HTML 7Page - ON Semiconductor MUN5111DW1T1 Datasheet HTML 8Page - ON Semiconductor MUN5111DW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MUN5111DW1T1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, common for Q1 and Q2) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 4) (Continued)
Input Resistor
MUN5111DW1T1
MUN5112DW1T1
MUN5113DW1T1
MUN5114DW1T1
MUN5115DW1T1
MUN5116DW1T1
MUN5130DW1T1
MUN5131DW1T1
MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
MUN5136DW1T1
MUN5137DW1T1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
k
W
Resistor Ratio
MUN5111DW1T1/MUN5112DW1T1/
MUN5113DW1T1/MUN5136DW1T1
MUN5114DW1T1
MUN5115DW1T1/MUN5116DW1T1
MUN5130DW1T1/MUN5131DW1T1/MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
MUN5137DW1T1
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
4. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%
Figure 1. Derating Curve − ALL DEVICES
300
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 490°C/W
250
ALL MUN5111DW1T1 SERIES DEVICES


Similar Part No. - MUN5111DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5111DW1T1 MOTOROLA-MUN5111DW1T1 Datasheet
216Kb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1 Datasheet
172Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5111DW1T1 LRC-MUN5111DW1T1 Datasheet
280Kb / 11P
   Dual Bias Resistor Transistors
logo
E-Tech Electronics LTD
MUN5111DW1T1 ETL-MUN5111DW1T1 Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
MUN5111DW1T1G ONSEMI-MUN5111DW1T1G Datasheet
232Kb / 20P
   Dual Bias Resistor Transistors
October, 2009 ??Rev. 8
More results

Similar Description - MUN5111DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com