Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC82268 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNC82268
Description  12-Channel MIDI/Speech Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC82268 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNC82268 Datasheet HTML 3Page - SONiX Technology Company SNC82268 Datasheet HTML 4Page - SONiX Technology Company SNC82268 Datasheet HTML 5Page - SONiX Technology Company SNC82268 Datasheet HTML 6Page - SONiX Technology Company SNC82268 Datasheet HTML 7Page - SONiX Technology Company SNC82268 Datasheet HTML 8Page - SONiX Technology Company SNC82268 Datasheet HTML 9Page - SONiX Technology Company SNC82268 Datasheet HTML 10Page - SONiX Technology Company SNC82268 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SNC82268
12-Channel MIDI/Speech Controller
Ver: 1.6
Sep. 8, 2006
7
5.5.
IR Function
When IR is enabled, a 38.5KHz square wave is gated with P27. The 38.5KHz IR
signal is present at the pin when P27 is set to “1”.
5.6.
I/O Ports
There are three 8-bit I/O ports P0, P1, and P2.
Any I/O can be individually
programmed as either input or output.
When I/O is set to input, any valid data
transition (H
 L or LH) of each I/O port can wake-up the chip from power-down
mode.
I/O Port Configuration
Note: weak N-MOS’s can serve as pull-low resistors.
5.7.
Sampling Rate Counters
Each voice channel of 12 is equipped with an independent sampling rate counter to
allow individual sample rate play back per channel. Channel sample rate play back
can be dynamically set from 4KHz to 64KHz. Each sampling rate counter is updated
on a period of 0.125uS. This architecture yields a high-quality music/voice synthesis
that sounds very close to its original source when played through the same amplifier
and speaker circuitry.
IR e n
38.5KHZ
P 27
P AD
"1"
P ort Da ta
P ort S ta tus
To Inte rna l Da ta Bus
Re a d Control
P AD
We a k


Similar Part No. - SNC82268

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82060 SONIX-SNC82060 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
More results

Similar Description - SNC82268

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC82030 SONIX-SNC82030 Datasheet
120Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82085 SONIX-SNC82085 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82340 SONIX-SNC82340 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82168 SONIX-SNC82168 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82040 SONIX-SNC82040 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82120 SONIX-SNC82120 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82020 SONIX-SNC82020 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC82060 SONIX-SNC82060 Datasheet
121Kb / 13P
   12-Channel MIDI/Speech Controller
SNC88060 SONIX-SNC88060 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
SNC88168 SONIX-SNC88168 Datasheet
123Kb / 14P
   24-Channel MIDI/Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com