Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33060ADR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33060ADR2
Description  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33060ADR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33060ADR2 Datasheet HTML 6Page - ON Semiconductor MC33060ADR2 Datasheet HTML 7Page - ON Semiconductor MC33060ADR2 Datasheet HTML 8Page - ON Semiconductor MC33060ADR2 Datasheet HTML 9Page - ON Semiconductor MC33060ADR2 Datasheet HTML 10Page - ON Semiconductor MC33060ADR2 Datasheet HTML 11Page - ON Semiconductor MC33060ADR2 Datasheet HTML 12Page - ON Semiconductor MC33060ADR2 Datasheet HTML 13Page - ON Semiconductor MC33060ADR2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
10
Vin = 8.0V to 40V
50/50
+
0.01
47k
1.0M
0.01
4.7k
4.7k
150
390
4.7k
+
10/16V
4
4.7k
1
2
3
14
13
12
56
0.001
47k
7
8
9
10
47
75
Tip 32
150
mH @ 2.0A
MR850
0.1
Vout
5.0V/1.0A
+
1000
6.3V
VCC
+
Comp
+
Vref
DT
CT
RT
C
E
GND
MC34060A
Test
Conditions
Results
Line Regulation
Vin = 8.0 V to 40 V, IO = 1.0 A
25 mV
0.5%
Load Regulation
Vin = 12 V, IO = 1.0 mA to 1.0 A
3.0 mV
0.06%
Output Ripple
Vin = 12 V, IO = 1.0 A
75 mV p−p P.A.R.D.
Short Circuit Current
Vin = 12 V, RL = 0.1 W
1.6 A
Efficiency
Vin = 12 V, IO = 1.0 A
73%
Figure 19. Step−Down Converter with Soft−Start
and Output Current Limiting


Similar Part No. - MC33060ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33060AD ONSEMI-MC33060AD Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
More results

Similar Description - MC33060ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com