Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33060AD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33060AD
Description  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33060AD Datasheet(HTML) 1 Page - ON Semiconductor

  MC33060AD Datasheet HTML 1Page - ON Semiconductor MC33060AD Datasheet HTML 2Page - ON Semiconductor MC33060AD Datasheet HTML 3Page - ON Semiconductor MC33060AD Datasheet HTML 4Page - ON Semiconductor MC33060AD Datasheet HTML 5Page - ON Semiconductor MC33060AD Datasheet HTML 6Page - ON Semiconductor MC33060AD Datasheet HTML 7Page - ON Semiconductor MC33060AD Datasheet HTML 8Page - ON Semiconductor MC33060AD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 5
1
Publication Order Number:
MC34060A/D
MC34060A, MC33060A
Fixed Frequency, PWM,
Voltage Mode Single Ended
Controllers
The MC34060A is a low cost fixed frequency, pulse width
modulation control circuit designed primarily for single−ended
SWITCHMODE
t power supply control.
The MC34060A is specified over the commercial operating
temperature range of 0° to +70°C, and the MC33060A is specified
over an automotive temperature range of −40° to +85°C.
Features
Complete Pulse Width Modulation Control Circuitry
On−Chip Oscillator with Master or Slave Operation
On−Chip Error Amplifiers
On−Chip 5.0 V Reference, 1.5% Accuracy
Adjustable Dead−Time Control
Uncommitted Output Transistor Rated to 200 mA Source or Sink
Undervoltage Lockout
Pb−Free Packages are Available
PIN CONNECTIONS
(Top View)
Error
Amp
Error
Amp
12
+
+
VCC
5.0 V
ref
0.1V
Oscillator
Q1
Noninv
Input
Inv
Input
Compen/PWM
Comp Input
Dead−Time
Control
CT
RT
Ground
Noninv
Input
Inv
Input
Vref
N.C.
VCC
C
E
1
2
3
4
5
6
78
9
10
11
12
13
14
MARKING
DIAGRAMS
PDIP−14
P SUFFIX
CASE 646
SOIC−14
D SUFFIX
CASE 751A
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
x
= 3 or 4
A
= Assembly Location
WL
= Wafer Lot
Y, YY
= Year
WW
= Work Week
G= Pb−Free Package
http://onsemi.com
14
1
MC3x060ADG
AWLYWW
1
14
14
1
MC3x060AP
AWLYYWWG
1
14


Similar Part No. - MC33060AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33060AD ONSEMI-MC33060AD Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
More results

Similar Description - MC33060AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com