Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33063AD Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33063AD
Description  1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AD Datasheet(HTML) 1 Page - ON Semiconductor

  MC33063AD Datasheet HTML 1Page - ON Semiconductor MC33063AD Datasheet HTML 2Page - ON Semiconductor MC33063AD Datasheet HTML 3Page - ON Semiconductor MC33063AD Datasheet HTML 4Page - ON Semiconductor MC33063AD Datasheet HTML 5Page - ON Semiconductor MC33063AD Datasheet HTML 6Page - ON Semiconductor MC33063AD Datasheet HTML 7Page - ON Semiconductor MC33063AD Datasheet HTML 8Page - ON Semiconductor MC33063AD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 19
1
Publication Order Number:
MC34063A/D
MC34063A, MC33063A,
NCV33063A
1.5 A, Step−Up/Down/
Inverting Switching
Regulators
The MC34063A Series is a monolithic control circuit containing the
primary functions required for DC−to−DC converters. These devices
consist of an internal temperature compensated reference, comparator,
controlled duty cycle oscillator with an active current limit circuit,
driver and high current output switch. This series was specifically
designed to be incorporated in Step−Down and Step−Up and
Voltage−Inverting applications with a minimum number of external
components. Refer to Application Notes AN920A/D and AN954/D
for additional design information.
Features
Operation from 3.0 V to 40 V Input
Low Standby Current
Current Limiting
Output Switch Current to 1.5 A
Output Voltage Adjustable
Frequency Operation to 100 kHz
Precision 2% Reference
Pb−Free Packages are Available
Figure 1. Representative Schematic Diagram
SQ
R
Q2
Q1
100
Ipk
Oscillator CT
Comparator
+
1.25 V
Reference
Regulator
1
2
3
4
5
6
7
8
Drive
Collector
Ipk
Sense
VCC
Comparator
Inverting
Input
Switch
Collector
Switch
Emitter
Timing
Capacitor
GND
(Bottom View)
This device contains 51 active transistors.
SOIC−8
D SUFFIX
CASE 751
PDIP−8
P, P1 SUFFIX
CASE 626
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
1
Switch
Collector
Switch
Emitter
Timing
Capacitor
GND
Driver
Collector
Ipk Sense
VCC
Comparator
Inverting
Input
(Top View)
2
3
45
6
7
8
PIN CONNECTIONS
http://onsemi.com
x
= 3 or 4
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G or
G
= Pb−Free Package
1
8
3x063AP1
AWL
YYWWG
1
8
33063AVP
AWL
YYWWG
3x063
ALYWA
G
1
8
MARKING
DIAGRAMS


Similar Part No. - MC33063AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33063AD ONSEMI-MC33063AD Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Texas Instruments
MC33063AD TI1-MC33063AD Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
logo
Fairchild Semiconductor
MC33063AD FAIRCHILD-MC33063AD Datasheet
46Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC33063AD ARTSCHIP-MC33063AD Datasheet
334Kb / 10P
   SMPS Controller
logo
ON Semiconductor
MC33063AD ONSEMI-MC33063AD Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
More results

Similar Description - MC33063AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com