Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSR1560 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MSR1560
Description  SWITCHMODE Soft Recovery Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSR1560 Datasheet(HTML) 1 Page - ON Semiconductor

  MSR1560 Datasheet HTML 1Page - ON Semiconductor MSR1560 Datasheet HTML 2Page - ON Semiconductor MSR1560 Datasheet HTML 3Page - ON Semiconductor MSR1560 Datasheet HTML 4Page - ON Semiconductor MSR1560 Datasheet HTML 5Page - ON Semiconductor MSR1560 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 3
1
Publication Order Number:
MSR1560/D
MSR1560
SWITCHMODEt Soft
Recovery Power Rectifier
These state−of−the−art devices are designed for boost converter or
hard−switched converter applications, especially for Power Factor
Correction application. It could also be used as a free wheeling diode
in variable speed motor control applications and switching mode
power supplies.
Features
Soft Recovery with Low Reverse Recovery Charge (QRR) and Peak
Reverse Recovery Current (IRRM)
150°C Operating Junction Temperature
Popular TO−220 Package
Epoxy meets UL 94 V−0 @ 0.125 in
Low Forward Voltage
Low Leakage Current
High Temperature Glass Passivated Junction
Pb−Free Package is Available*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
V
Average Rectified Forward Current
(At Rated VR, TC = 125°C)
IO
15
A
Peak Repetitive Forward Current (At Rated
VR, Square Wave, 20 kHz,TC = 125°C)
IFRM
30
A
Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions,
halfwave, single phase, 60 Hz)
IFSM
100
A
Storage/Operating Case Temperature
Tstg, TC
−65 to +150
°C
Operating Junction Temperature
TJ
−65 to +150
°C
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
Thermal Resistance, Junction−to−Ambient
RqJC
RqJA
1.6
72.8
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOFT RECOVERY
POWER RECTIFIER
15 AMPERES, 600 VOLTS
1
4
3
Device
Package
Shipping
ORDERING INFORMATION
MSR1560
TO−220
50 Units/Rail
MSR1560G
TO−220
(Pb−Free)
50 Units/Rail
http://onsemi.com
TO−220AC
CASE 221B
STYLE 2
4
3
1
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
KA
= Diode Polarity
AY
WWG
MSR1560
KA


Similar Part No. - MSR1560

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSR1560 ONSEMI-MSR1560 Datasheet
47Kb / 8P
   SWITCHMODE Soft Recovery Power Rectifier
October, 2000 ??Rev. 2
logo
Cystech Electonics Corp...
MSR1560E2 CYSTEKEC-MSR1560E2 Datasheet
189Kb / 4P
   15Amp. Superfast Plastic Rectifiers
logo
ON Semiconductor
MSR1560G ONSEMI-MSR1560G Datasheet
119Kb / 7P
   Switch-mode Soft Recovery Power Rectifier
February, 2014 ??Rev. 7
MSR1560G ONSEMI-MSR1560G_14 Datasheet
119Kb / 7P
   Switch-mode Soft Recovery Power Rectifier
February, 2014 ??Rev. 7
More results

Similar Description - MSR1560

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSR1560 ONSEMI-MSR1560 Datasheet
47Kb / 8P
   SWITCHMODE Soft Recovery Power Rectifier
October, 2000 ??Rev. 2
MSR860 ONSEMI-MSR860 Datasheet
64Kb / 5P
   SWITCHMODE Soft Recovery Power Rectifier
February, 2006 ??Rev. 3
MSRD620CT ONSEMI-MSRD620CT Datasheet
73Kb / 6P
   SWITCHMODE Soft Ultrafast Recovery Power Rectifier
August, 2004 ??Rev. 3
MSRD620CTG ONSEMI-MSRD620CTG_12 Datasheet
156Kb / 5P
   SWITCHMODE Soft Ultrafast Recovery Power Rectifier
January, 2012 ??Rev. 7
MSRD620CTRG ONSEMI-MSRD620CTRG Datasheet
130Kb / 5P
   SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
January, 2012 ??Rev. 3
MSRD620CTRG ONSEMI-MSRD620CTRG_12 Datasheet
137Kb / 5P
   SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
January, 2012 ??Rev. 3
MSRF860G ONSEMI-MSRF860G Datasheet
121Kb / 6P
   SWITCHMODE Soft Recovery Power Rectifiers
June, 2008 ??Rev. 5
MSRP10040 ONSEMI-MSRP10040 Datasheet
115Kb / 3P
   Soft Recovery Power Rectifier
September, 2006 ??Rev. 2
MSRB860-1 ONSEMI-MSRB860-1 Datasheet
168Kb / 6P
   Soft Recovery Power Rectifier
September, 2006 ??Rev. 1
MSR1560G ONSEMI-MSR1560G_14 Datasheet
119Kb / 7P
   Switch-mode Soft Recovery Power Rectifier
February, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com