Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33023DW Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33023DW
Description  High Speed Single?묮nded PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33023DW Datasheet(HTML) 1 Page - ON Semiconductor

  MC33023DW Datasheet HTML 1Page - ON Semiconductor MC33023DW Datasheet HTML 2Page - ON Semiconductor MC33023DW Datasheet HTML 3Page - ON Semiconductor MC33023DW Datasheet HTML 4Page - ON Semiconductor MC33023DW Datasheet HTML 5Page - ON Semiconductor MC33023DW Datasheet HTML 6Page - ON Semiconductor MC33023DW Datasheet HTML 7Page - ON Semiconductor MC33023DW Datasheet HTML 8Page - ON Semiconductor MC33023DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 6
1
Publication Order Number:
MC34023/D
MC34023, MC33023
High Speed Single−Ended
PWM Controller
The MC34023 series are high speed, fixed frequency, single−ended
pulse width modulator controllers optimized for high frequency
operation. They are specifically designed for Off−Line and
DC−to−DC converter applications offering the designer a
cost−effective solution with minimal external components. These
integrated circuits feature an oscillator, a temperature compensated
reference, a wide bandwidth error amplifier, a high speed current
sensing comparator, and a high current totem pole output ideally
suited for driving a power MOSFET.
Also included are protective features consisting of input and
reference undervoltage lockouts each with hysteresis, cycle−by−cycle
current limiting, and a latch for single pulse metering.
The flexibility of this series allows it to be easily configured for
either current mode or voltage mode control.
Features
50 ns Propagation Delay to Output
High Current Totem Pole Output
Wide Bandwidth Error Amplifier
Fully−Latched Logic with Double Pulse Suppression
Latching PWM for Cycle−By−Cycle Current Limiting
Soft−Start Control with Latched Overcurrent Reset
Input Undervoltage Lockout with Hysteresis
Low Startup Current (500 mA Typ)
Internally Trimmed Reference with Undervoltage Lockout
90% Maximum Duty Cycle (Externally Adjustable)
Precision Trimmed Oscillator
Voltage or Current Mode Operation to 1.0 MHz
Functionally Similar to the UC3823
Pb−Free Packages are Available*
Error
Amp
Oscillator
16
Vref
Clock
RT
CT
Ramp
Error Amp
Output
Inverting
Input
Soft−Start
Soft−Start
Latching
PWM
Ground
10
9
Current
Limit/
Shutdown
Power
Ground
VC
VCC
UVLO
5.1V
Reference
Current
Limit Ref
This device contains 176 active transistors.
Output
Noninverting
Input
4
5
6
7
3
2
1
8
15
13
14
11
12
Figure 1. Simplified Application
MARKING DIAGRAMS
1
16
PDIP−16
P SUFFIX
CASE 648
1
16
SOIC−16W
DW SUFFIX
CASE 751G
1
16
MC34023P
AWLYYWWG
MC33023DW
AWLYYWWG
PIN CONNECTIONS
(Top View)
Error Amp
Noninverting Input
Soft−Start
Ramp
CT
RT
Clock
Error Amp Output
Error Amp
Inverting Input
Current Limit/
Shutdown
Current Limit
Reference
Power Ground
Output
VCC
Vref
11
5
2
1
9
10
12
13
14
15
16
8
7
6
4
3
Ground
VC
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
16
1


Similar Part No. - MC33023DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33023DW ONSEMI-MC33023DW Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
More results

Similar Description - MC33023DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com