Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33375D-5.0 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33375D-5.0
Description  300 mA, Low Dropout Voltage Regulator with On/Off Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375D-5.0 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33375D-5.0 Datasheet HTML 1Page - ON Semiconductor MC33375D-5.0 Datasheet HTML 2Page - ON Semiconductor MC33375D-5.0 Datasheet HTML 3Page - ON Semiconductor MC33375D-5.0 Datasheet HTML 4Page - ON Semiconductor MC33375D-5.0 Datasheet HTML 5Page - ON Semiconductor MC33375D-5.0 Datasheet HTML 6Page - ON Semiconductor MC33375D-5.0 Datasheet HTML 7Page - ON Semiconductor MC33375D-5.0 Datasheet HTML 8Page - ON Semiconductor MC33375D-5.0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC33375 Series
http://onsemi.com
2
Gnd
Vin
Vout
4
123
ON/
OFF
Input
Gnd
Gnd
ON/OFF
Output
Gnd
Gnd
N/C
1
2
3
4
8
7
6
5
PIN CONNECTIONS
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VCC
13
Vdc
Power Dissipation and Thermal Characteristics
TA = 25°C
Maximum Power Dissipation
Case 751 (SOP−8) D Suffix
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
Case 318E (SOT−223) ST Suffix
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
PD
RqJA
RqJC
RqJA
RqJC
Internally Limited
160
25
245
15
W
°C/W
°C/W
°C/W
°C/W
Output Current
IO
300
mA
Maximum Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
− 40 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - MC33375D-5.0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375D-5.0 ONSEMI-MC33375D-5.0 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375D-5.0G ONSEMI-MC33375D-5.0G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375D-5.0R2 ONSEMI-MC33375D-5.0R2 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33375D-5.0R2 ONSEMI-MC33375D-5.0R2 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375D-5.0R2G ONSEMI-MC33375D-5.0R2G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results

Similar Description - MC33375D-5.0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com