Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33375D-3.3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33375D-3.3G
Description  300 mA, Low Dropout Voltage Regulator with On/Off Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375D-3.3G Datasheet(HTML) 3 Page - ON Semiconductor

  MC33375D-3.3G Datasheet HTML 1Page - ON Semiconductor MC33375D-3.3G Datasheet HTML 2Page - ON Semiconductor MC33375D-3.3G Datasheet HTML 3Page - ON Semiconductor MC33375D-3.3G Datasheet HTML 4Page - ON Semiconductor MC33375D-3.3G Datasheet HTML 5Page - ON Semiconductor MC33375D-3.3G Datasheet HTML 6Page - ON Semiconductor MC33375D-3.3G Datasheet HTML 7Page - ON Semiconductor MC33375D-3.3G Datasheet HTML 8Page - ON Semiconductor MC33375D-3.3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC33375 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (CL = 1.0 mF, TA = 25°C, for min/max values TJ = −40°C to +125°C, Note 1)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
IO = 0 mA to 250 mA
1.8 V Suffix
TA = 25°C, Vin = [VO + 1] V
2.5 V Suffix
3.0 V Suffix
3.3 V Suffix
5.0 V Suffix
1.8 V Suffix
Vin = [VO + 1] V, 0 < IO < 100 mA
2.5 V Suffix
2% Tolerance from TJ = −40 to +125°C
3.0 V Suffix
3.3 V Suffix
5.0 V Suffix
VO
1.782
2.475
2.970
3.267
4.950
1.764
2.450
2.940
3.234
4.900
1.80
2.50
3.00
3.30
5.00
1.818
2.525
3.030
3.333
5.05
1.836
2.550
3.060
3.366
5.100
Vdc
Line Regulation
Vin = [VO + 1] V to 12 V, IO = 250 mA,
All Suffixes TA = 25°C
Regline
2.0
10
mV
Load Regulation
Vin = [VO + 1] V, IO = 0 mA to 250 mA,
All Suffixes TA = 25°C
Regload
5.0
25
mV
Dropout Voltage
IO = 10 mA
TJ = −40°C to +125°C
IO = 100 mA
IO = 250 mA
IO = 300 mA
Vin − VO
25
115
220
260
100
200
400
500
mV
Ripple Rejection (120 Hz)
Vin(peak−peak) = [VO + 1.5] V to [VO + 5.5] V
65
75
dB
Output Noise Voltage
CL = 1.0 mFIO = 50 mA (10 Hz to 100 kHz)
CL = 200 mF
Vn
160
46
mVrms
CURRENT PARAMETERS
Quiescent Current ON Mode
Vin = [VO + 1] V, IO = 0 mA
IQOn
125
200
mA
Quiescent Current OFF Mode
IQOff
0.3
4.0
mA
Quiescent Current ON Mode SAT
Vin = [VO − 0.5] V, IO = 0 mA (Note 2)
1.8 V Suffix
2.5 V Suffix
3.0 V Suffix
3.3 V Suffix
5.0 V Suffix
IQSAT
1100
1100
1500
1500
1500
1500
1500
2000
2000
2000
mA
Current Limit
Vin = [VO + 1] V, VO Shorted
ILIMIT
450
mA
ON/OFF INPUTS
On/Off Input Voltage
Logic “1” (Regulator On) Vout = VO ± 2%
Logic “0” (Regulator Off) Vout < 0.03 V
Logic “0” (Regulator Off) Vout < 0.05 V (1.8 V Option)
VCTRL
2.4
0.5
0.3
V
THERMAL SHUTDOWN
Thermal Shutdown
150
°C
1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. Quiescent Current is measured where the PNP pass transistor is in saturation. Vin = [VO − 0.5] V guarantees this condition.


Similar Part No. - MC33375D-3.3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375D-3.3G ONSEMI-MC33375D-3.3G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375D-3.3G ONSEMI-MC33375D-3.3G Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results

Similar Description - MC33375D-3.3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com