Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC12085 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SNC12085
Description  One Channel Speech Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC12085 Datasheet(HTML) 4 Page - SONiX Technology Company

  SNC12085 Datasheet HTML 1Page - SONiX Technology Company SNC12085 Datasheet HTML 2Page - SONiX Technology Company SNC12085 Datasheet HTML 3Page - SONiX Technology Company SNC12085 Datasheet HTML 4Page - SONiX Technology Company SNC12085 Datasheet HTML 5Page - SONiX Technology Company SNC12085 Datasheet HTML 6Page - SONiX Technology Company SNC12085 Datasheet HTML 7Page - SONiX Technology Company SNC12085 Datasheet HTML 8Page - SONiX Technology Company SNC12085 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SNC12085
One Channel Speech Controller
4. Block Diagram
Watch Dog
Timer
IO port 1
IO port 2
IO port 3
Sampling Rate Counter
Timing
Generator
Push-Pull
Circuit
Timer
SRAM (64 nibbles)
ALU
Voice
Synthesizer
Address Pointers/ STACK
OSC
ROM
Program/Speech
256K
×10 bits
5. FUNCTION DESCRIPTIONS
5.1 Oscillator
SNC12085 accepts RC type oscillator for system clock. The typical circuit diagram for
oscillator is listed as follows.
OSC
VCC
RC Oscillator
5.2 ROM
SNC12085 contains a substantial 256K words (10-bit) internal ROM, which is shared
by program and resource data. Program, voice and data are shared within this same
256K words ROM.
Ver: 1.4
March 17, 2005
4


Similar Part No. - SNC12085

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12010 SONIX-SNC12010 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
More results

Similar Description - SNC12085

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12060 SONIX-SNC12060 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12120 SONIX-SNC12120 Datasheet
363Kb / 9P
   One Channel Speech Controller
SNC26021 SONIX-SNC26021 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26200 SONIX-SNC26200 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC15040 SONIX-SNC15040 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15016 SONIX-SNC15016 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15041 SONIX-SNC15041 Datasheet
211Kb / 10P
   One Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com