Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33501 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33501
Description  1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33501 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33501_06 Datasheet HTML 1Page - ON Semiconductor MC33501_06 Datasheet HTML 2Page - ON Semiconductor MC33501_06 Datasheet HTML 3Page - ON Semiconductor MC33501_06 Datasheet HTML 4Page - ON Semiconductor MC33501_06 Datasheet HTML 5Page - ON Semiconductor MC33501_06 Datasheet HTML 6Page - ON Semiconductor MC33501_06 Datasheet HTML 7Page - ON Semiconductor MC33501_06 Datasheet HTML 8Page - ON Semiconductor MC33501_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 10
1
Publication Order Number:
MC33501/D
MC33501, MC33503
1.0 V, Rail−to−Rail, Single
Operational Amplifiers
The MC33501/503 operational amplifier provides rail−to−rail
operation on both the input and output. The output can swing within 50
mV of each rail. This rail−to−rail operation enables the user to make
full use of the entire supply voltage range available. It is designed to
work at very low supply voltages (1.0 V and ground), yet can operate
with a supply of up to 7.0 V and ground. Output current boosting
techniques provide high output current capability while keeping the
drain current of the amplifier to a minimum.
Features
Low Voltage, Single Supply Operation (1.0 V and Ground to 7.0 V
and Ground)
High Input Impedance: Typically 40 fA Input Bias Current
Typical Unity Gain Bandwidth @ 5.0 V = 4.0 MHz,
@ 1.0 V = 3.0 MHz
High Output Current (ISC = 40 mA @ 5.0 V, 13 mA @ 1.0 V)
Output Voltage Swings within 50 mV of Both Rails @ 1.0 V
Input Voltage Range Includes Both Supply Rails
High Voltage Gain: 100 dB Typical @ 1.0 V
No Phase Reversal on the Output for Over−Driven Input Signals
Typical Input Offset of 0.5 mV
Low Supply Current (ID = 1.2 mA/per Amplifier, Typical)
600 W Drive Capability
Extended Operating Temperature Range (−40 to 105°C)
Pb−Free Packages are Available
Applications
Single Cell NiCd/Ni MH Powered Systems
Interface to DSP
Portable Communication Devices
Low Voltage Active Filters
Telephone Circuits
Instrumentation Amplifiers
Audio Applications
Power Supply Monitor and Control
Transistor Count: 98
SOT23−5
SN SUFFIX
CASE 483
MARKING
DIAGRAM
1
5
Device
Package
Shipping
ORDERING INFORMATION
MC33501SNT1
SOT23−5
3000 Tape & Reel
MC33503SNT1
SOT23−5
3000 Tape & Reel
MC33501
MC33503
1
5
2
3
4
Non−Inverting
Input
Output
VCC
VEE
Inverting Input
(Top View)
+−
1
5
2
3
4
Non−Inverting
Input
Output
VEE
VCC
Inverting Input
(Top View)
+−
PIN CONNECTIONS
http://onsemi.com
MC33501SNT1G
SOT23−5
(Pb−Free)
3000 Tape & Reel
MC33503SNT1G
SOT23−5
(Pb−Free)
3000 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
5
xxx AYW
G
G
xxx
= AAA; MC33501
AAB; MC33503
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MC33501_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33501SNT1 ONSEMI-MC33501SNT1 Datasheet
201Kb / 16P
   1.0 V, Rail-to-Rail, Single Operational Amplifiers
October, 2002 ??Rev. 7
More results

Similar Description - MC33501_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
MC33501 ONSEMI-MC33501 Datasheet
201Kb / 16P
   1.0 V, Rail-to-Rail, Single Operational Amplifiers
October, 2002 ??Rev. 7
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
logo
Global Mixed-mode Techn...
G1562 GMT-G1562 Datasheet
432Kb / 1P
   Single Rail-to-Rail Operational Amplifiers
logo
Analog Devices
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com