Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2TPMI336AGXXOAC Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # A2TPMI336AGXXOAC
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI336AGXXOAC Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  A2TPMI336AGXXOAC Datasheet HTML 1Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAC Datasheet HTML 2Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAC Datasheet HTML 3Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAC Datasheet HTML 4Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAC Datasheet HTML 5Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAC Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAC Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAC Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI336AGXXOAC Datasheet HTML 9Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 2 of 21
Rev. Oct 2003
DESCRIPTION
The PerkinElmer A2TPMI is a versatile infrared thermopile sensor with an integrated configurable ASIC
for signal processing and ambient temperature compensation. This integrated infrared module senses
the thermal radiation emitted by objects and converts this to a analog voltage.
The A2TPMI can be delivered fully factory calibrated and adapted to the customer specification, as well
as customer programmable via the serial interface. In the pre-calibrated version, only three pins are
necessary for operation: object output voltage, 5V supply voltage, and ground.
As described in this specification, the temperature accuracy of the fully adjustable integrated circuit out-
performs that of the previous PerkinElmer thermopile modules with discrete components on pcb, be-
cause the A2TPMI features an offset correction of the amplifier and a factory calibrated ambient tem-
perature sensor. This makes the A2TPMI a versatile, compact and high precision device.
Due to the internal digital signal processing and 8 bit resolution of the internal control registers the
A2TPMI has improved accuracy for adjustment and improved performance. E
2PROM technology allows
unlimited changing of the configuration.
For amplification of the highly sensitive thermopile signal in the micro- to millivolt range, a high resolu-
tion programmable low noise chopper amplifier is provided. An adjustable high precision ambient tem-
perature sensor followed by a signal processor, offers an accurate compensation signal with polynomial
characteristics that perfectly matches to that of the thermopiles output. Adding of these signals results in
an ambient independent object temperature signal over a large temperature range, which still can be
adapted / scaled to customer needs due to flexible offset and postgain adjustment facilities of the de-
vice.
The two configurable comparators of the A2TPMI, that can alternatively be used, enhance the function-
ality. This allows to employ the A2TPMI as an temperature dependent switch for alarm purposes.
Threshold temperatures and the hysteresis is free programmable for both comparators.
Due to integration of sensor and electronic in a compact TO 39 housing, the A2TPMI is robust and
insensitive to environmental influences like pcb contamination (leakage currents), humidity and electro-
magnetic interference.


Similar Part No. - A2TPMI336AGXXOAC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI336AGXXOAC

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com