Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC2295-CT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MSC2295-CT1
Description  NPN RF Amplifier Transistors Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSC2295-CT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MSC2295-CT1 Datasheet HTML 1Page - ON Semiconductor MSC2295-CT1 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 4
1
Publication Order Number:
MSC2295−BT1/D
MSC2295−BT1,
MSC2295−CT1
Preferred Device
NPN RF Amplifier
Transistors Surface Mount
Features
Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector−Base Voltage
V(BR)CBO
30
Vdc
Collector−Emitter Voltage
V(BR)CEO
20
Vdc
Emitter−Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current − Continuous
IC
30
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Max
Unit
Collector−Base Cutoff Current
(VCB = 10 Vdc, IE = 0)
ICBO
0.1
mAdc
DC Current Gain (Note 1)
(VCB = 10 Vdc, IC = −1.0 mAdc)
MSC2295−BT1
MSC2295−CT1
hFE
70
110
140
220
Collector−Gain — Bandwidth Product
(VCB = 10 Vdc, IE = −1.0 mAdc)
fT
150
MHz
Reverse Transistor Capacitance
(VCE = 10 Vdc,
IC = 1.0 mAdc, f = 10.7 MHz)
Cre
1.5
pF
1. Pulse Test: Pulse Width
≤ 300 ms, D.C. ≤ 2%.
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
SC−59
CASE 318D
MARKING DIAGRAM
2
1
3
Vx M
G
G
Vx
= Device Code
x= B or C
M
= Date Code*
G
= Pb−Free Package
COLLECTOR
3
2
BASE
1
EMITTER
Device
Package
Shipping
ORDERING INFORMATION
MSC2295−BT1
SC−59
3000/Tape & Reel
MSC2295−CT1
3000/Tape & Reel
3000/Tape & Reel
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SC−59
(Pb−Free)
SC−59
SC−59
(Pb−Free)
MSC2295−BT1G
MSC2295−CT1G
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Similar Part No. - MSC2295-CT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSC2295-CT1 MOTOROLA-MSC2295-CT1 Datasheet
112Kb / 4P
   NPN RF Amplifier Transistors Surface Mount
logo
Leshan Radio Company
MSC2295-CT1 LRC-MSC2295-CT1 Datasheet
38Kb / 1P
   NPN RF Amplifier Transistors Surface Mount
logo
E-Tech Electronics LTD
MSC2295-CT1 ETL-MSC2295-CT1 Datasheet
78Kb / 1P
   NPN RF Amplifier Transistors Surface Mount
More results

Similar Description - MSC2295-CT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MSC2295-BT1 LRC-MSC2295-BT1 Datasheet
38Kb / 1P
   NPN RF Amplifier Transistors Surface Mount
logo
Motorola, Inc
MSC2295-BT1 MOTOROLA-MSC2295-BT1 Datasheet
112Kb / 4P
   NPN RF Amplifier Transistors Surface Mount
MSC3130T1 MOTOROLA-MSC3130T1 Datasheet
105Kb / 4P
   NPN RF Amplifier Transistors Surface Mount?
logo
E-Tech Electronics LTD
MSC2295 ETL-MSC2295 Datasheet
78Kb / 1P
   NPN RF Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSC3130T1 ONSEMI-MSC3130T1 Datasheet
148Kb / 4P
   NPN RF Amplifier Transistor Surface Mount
August, 2006 ??Rev. 4
logo
Leshan Radio Company
MSC3130T1 LRC-MSC3130T1 Datasheet
40Kb / 1P
   NPN RF Amplifier Transistor Surface Mount
logo
Motorola, Inc
MSD1819ART1 MOTOROLA-MSD1819ART1 Datasheet
153Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1_12 Datasheet
85Kb / 3P
   NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
   NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com