Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33365P Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33365P
Description  High Voltage Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33365P Datasheet(HTML) 5 Page - ON Semiconductor

  MC33365P Datasheet HTML 1Page - ON Semiconductor MC33365P Datasheet HTML 2Page - ON Semiconductor MC33365P Datasheet HTML 3Page - ON Semiconductor MC33365P Datasheet HTML 4Page - ON Semiconductor MC33365P Datasheet HTML 5Page - ON Semiconductor MC33365P Datasheet HTML 6Page - ON Semiconductor MC33365P Datasheet HTML 7Page - ON Semiconductor MC33365P Datasheet HTML 8Page - ON Semiconductor MC33365P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC33365
http://onsemi.com
5
1.0
160
0
2.0
0
−50
32
0
0
VDS, DRAIN−SOURCE VOLTAGE (V)
VCC = 20 V
TA = 25°C
VCC, POWER SUPPLY VOLTAGE (V)
VPin 1 = 400 V
TA = 25°C
VCC, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
ID = 200 mA
Figure 10. Regulator Output Voltage
Change versus Source Current
Ireg, REGULATOR SOURCE CURRENT (mA)
Figure 11. Peak Startup Current
versus Power Supply Voltage
VCC = 20 V
RT = 10 k
CPin 8 = 1.0 μF
TA = 25°C
Figure 12. Power Switch Drain−Source
On−Resistance versus Temperature
Figure 13. Power Switch
Drain−Source Capacitance versus Voltage
Figure 14. Supply Current versus Supply Voltage
Pulse tested with an on−time of 20
μs to 300 μs
at < 1.0% duty cycle. The on−time is adjusted at
Pin 1 for a maximum peak current out of Pin 3.
Pulse tested at 5.0 ms with < 1.0% duty cycle
so that TJ is as close to TA as possible.
COSS measured at 1.0 MHz with 50 mVpp.
RT = 10 k
Pin 1 = Open
Pin 4, 5, 10, 11,
12, 13 = Gnd
TA = 25°C
−20
−40
−60
−80
24
16
8.0
0
2.4
1.6
0.8
0
1.0
0
120
40
80
0
4.0
8.0
12
16
20
2.0
4.0
6.0
8.0
10
12
14
−25
0
25
50
75
150
100
10
100
1000
10
20
30
40
125
0.01
100
t, TIME (s)
Figure 15. P Suffix Transient Thermal
Resistance
0.1
1.0
10
100
10
1.0
L = 12.7 mm of 2.0 oz. copper.
Refer to Figure 15.
3.2
CT = 2.0 nF
CT = 390 pF


Similar Part No. - MC33365P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33365P ONSEMI-MC33365P Datasheet
233Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
More results

Similar Description - MC33365P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com