Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33275DT-3.3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33275DT-3.3
Description  300 mA, Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275DT-3.3 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33275DT-3.3 Datasheet HTML 1Page - ON Semiconductor MC33275DT-3.3 Datasheet HTML 2Page - ON Semiconductor MC33275DT-3.3 Datasheet HTML 3Page - ON Semiconductor MC33275DT-3.3 Datasheet HTML 4Page - ON Semiconductor MC33275DT-3.3 Datasheet HTML 5Page - ON Semiconductor MC33275DT-3.3 Datasheet HTML 6Page - ON Semiconductor MC33275DT-3.3 Datasheet HTML 7Page - ON Semiconductor MC33275DT-3.3 Datasheet HTML 8Page - ON Semiconductor MC33275DT-3.3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 15
1
Publication Order Number:
MC33275/D
MC33275, NCV33275
300 mA, Low Dropout
Voltage Regulator
The MC33275 series are micropower low dropout voltage
regulators available in a wide variety of output voltages as well as
packages, SOT−223, SOP−8, DPAK, and DFN 4x4 surface mount
packages. These devices feature a very low quiescent current and are
capable of supplying output currents up to 300 mA. Internal current
and thermal limiting protection are provided by the presence of a short
circuit at the output and an internal thermal shutdown circuit.
Due to the low input−to−output voltage differential and bias current
specifications, these devices are ideally suited for battery powered
computer, consumer, and industrial equipment where an extension of
useful battery life is desirable.
Features
Low Input−to−Output Voltage Differential of 25 mV at IO = 10 mA,
and 260 mV at IO = 300 mA
Extremely Tight Line and Load Regulation
Stable with Output Capacitance of only 0.33 mF for 2.5 V Output
Voltage
Internal Current and Thermal Limiting
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
Applications
Battery Powered Consumer Products
Hand−Held Instruments
Camcorders and Cameras
Figure 1. Simplified Block Diagram
Vin
Thermal &
Anti−sat
Protection
54 K
Rint
This device contains 41 active transistors
1.23 V
V. Ref.
Vout
GND
LOW DROPOUT
MICROPOWER VOLTAGE
REGULATOR
SOIC−8
D SUFFIX
CASE 751
SOT−223
ST SUFFIX
CASE 318E
4
1
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 10 of this data sheet.
xx
= Voltage Version
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W, WW = Work Week
G or G = Pb−Free Device
(Note: Microdot may be in either location)
http://onsemi.com
1
AYW
275xx
G
G
MARKING
DIAGRAMS
3
1
3
4
DPAK−3
DT SUFFIX
CASE 369A
1
275xxG
ALYWW
1
8
DFN−8, 4x4
MN SUFFIX
CASE 488AF
275xx
ALYW
G
G
1
1
275xx
ALYW
G
1
8


Similar Part No. - MC33275DT-3.3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275DT-3.3RK ONSEMI-MC33275DT-3.3RK Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
More results

Similar Description - MC33275DT-3.3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com