Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSW45AZL1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPSW45AZL1G
Description  One Watt Darlington Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSW45AZL1G Datasheet(HTML) 2 Page - ON Semiconductor

  MPSW45AZL1G Datasheet HTML 1Page - ON Semiconductor MPSW45AZL1G Datasheet HTML 2Page - ON Semiconductor MPSW45AZL1G Datasheet HTML 3Page - ON Semiconductor MPSW45AZL1G Datasheet HTML 4Page - ON Semiconductor MPSW45AZL1G Datasheet HTML 5Page - ON Semiconductor MPSW45AZL1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPSW45, MPSW45A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = 100 mAdc, VBE = 0)
MPSW45
MPSW45A
V(BR)CES
40
50
Vdc
Collector −Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
MPSW45
MPSW45A
V(BR)CBO
50
60
Vdc
Emitter −Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
12
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
MPSW45
(VCB = 40 Vdc, IE = 0)
MPSW45A
ICBO
100
100
nAdc
Emitter Cutoff Current
(VEB = 10 Vdc, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 200 mAdc, VCE = 5.0 Vdc)
(IC = 500 mAdc, VCE = 5.0 Vdc)
(IC = 1.0 Adc, VCE = 5.0 Vdc)
hFE
25,000
15,000
4,000
150,000
Collector −Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 2.0 mAdc)
VCE(sat)
1.5
Vdc
Base− Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 2.0 mAdc)
VBE(sat)
2.0
Vdc
Base −Emitter On Voltage
(IC = 1.0 Adc, VCE = 5.0 Vdc)
VBE(on)
2.0
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 200 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Collector−Base Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
6.0
pF
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model


Similar Part No. - MPSW45AZL1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW45A MOTOROLA-MPSW45A Datasheet
228Kb / 6P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW45A ONSEMI-MPSW45A Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
More results

Similar Description - MPSW45AZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
MPS6724 ONSEMI-MPS6724 Datasheet
58Kb / 5P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW63 ONSEMI-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors(PNP Silicon)
1996
MPSW63 ONSEMI-MPSW63_06 Datasheet
100Kb / 4P
   One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW13 ONSEMI-MPSW13 Datasheet
57Kb / 4P
   One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
logo
Motorola, Inc
MPSW63 MOTOROLA-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors
MPSW45 MOTOROLA-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW63G ONSEMI-MPSW63G Datasheet
96Kb / 4P
   One Watt Darlington Transistors
March, 2006 ??Rev. 3
logo
Motorola, Inc
MPS6724 MOTOROLA-MPS6724 Datasheet
233Kb / 6P
   One Watt Darlington Transistors
MPSW13 MOTOROLA-MPSW13 Datasheet
113Kb / 4P
   One Watt Darlington Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com