Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33362P Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33362P
Description  High Voltage Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33362P Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33362P Datasheet HTML 6Page - ON Semiconductor MC33362P Datasheet HTML 7Page - ON Semiconductor MC33362P Datasheet HTML 8Page - ON Semiconductor MC33362P Datasheet HTML 9Page - ON Semiconductor MC33362P Datasheet HTML 10Page - ON Semiconductor MC33362P Datasheet HTML 11Page - ON Semiconductor MC33362P Datasheet HTML 12Page - ON Semiconductor MC33362P Datasheet HTML 13Page - ON Semiconductor MC33362P Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC33362
http://onsemi.com
10
The Power Switch is designed to directly drive the converter
transformer and is capable of switching a maximum of
500 V and 2.0 A. Proper device voltage snubbing and
heatsinking are required for reliable operation.
A Leading Edge Blanking circuit was placed in the
current sensing signal path. This circuit prevents a
premature reset of the PWM Latch. The premature reset is
generated each time the Power Switch is driven into
conduction. It appears as a narrow voltage spike across the
current sense resistor, and is due to the MOSFET gate to
source capacitance, transformer interwinding capacitance,
and output rectifier recovery time. The Leading Edge
Blanking circuit has a dynamic behavior in that it masks the
current signal until the Power Switch turn−on transition is
completed. The current limit propagation delay time is
typically 233 ns. This time is measured from when an
overcurrent appears at the Power Switch drain, to the
beginning of turn−off.
Error Amplifier
An fully compensated Error Amplifier with access to the
inverting input and output is provided for primary side
voltage sensing, Figure 19. It features a typical dc voltage
gain of 82 dB, and a unity gain bandwidth of 1.0 MHz with
78 degrees of phase margin, Figure 6. The noninverting
input is internally biased at 2.6 V
±3.1% and is not pinned
out. The Error Amplifier output is pinned out for external
loop compensation and as a means for directly driving the
PWM Comparator. The output was designed with a limited
sink current capability of 270
mA, allowing it to be easily
overridden with a pull−up resistor. This is desirable in
applications that require secondary side voltage sensing,
Figure 22. In this application, the Voltage Feedback Input is
connected to the Regulator Output. This disables the Error
Amplifier by placing its output into the sink state, allowing
the optocoupler transistor to directly control the PWM
Comparator.
Overvoltage Protection
An Overvoltage Protection Comparator is included to
eliminate the possibility of runaway output voltage. This
condition can occur if the control loop feedback signal path
is broken due to an external component or connection
failure. The comparator is normally used to monitor the
primary side VCC voltage. When the 2.6 V threshold is
exceeded, it will immediately turn off the Power Switch, and
protect the load from a severe overvoltage condition. This
input can also be driven from external circuitry to inhibit
converter operation.
Undervoltage Lockout
An Undervoltage Lockout comparator has been
incorporated to guarantee that the integrated circuit has
sufficient voltage to be fully functional before the output
stage is enabled. The UVLO comparator monitors the VCC
voltage at Pin 3 and when it exceeds 14.5 V, the reset signal
is removed from the PWM Latch allowing operation of the
Power Switch. To prevent erratic switching as the threshold
is crossed, 5.0 V of hysteresis is provided.
Startup Control
An internal Startup Control circuit with a high voltage
enhancement mode MOSFET is included within the
MC33362. This circuitry allows for increased converter
efficiency by eliminating the external startup resistor, and its
associated power dissipation, commonly used in most
off−line converters that utilize a UC3842 type of controller.
Rectified ac line voltage is applied to the Startup Input,
Pin 1. This causes the MOSFET to enhance and supply
internal bias as well as charge current to the VCC bypass
capacitor that connects from Pin 3 to ground. When VCC
reaches the UVLO upper threshold of 14.5 V, the IC
commences operation and the startup MOSFET is turned
off. Operating bias is now derived from the auxiliary
transformer winding, and all of the device power is
efficiently converted down from the rectified ac line.
Regulator
A low current 6.5 V regulated output is available for
biasing the Error Amplifier and any additional control
system circuitry. It is capable of up to 10 mA and has
short−circuit protection. This output requires an external
bypass capacitor of at least 1.0
mF for stability.
Thermal Shutdown and Package
Internal thermal circuitry is provided to protect the Power
Switch in the event that the maximum junction temperature
is exceeded. When activated, typically at 155
°C, the Latch
is forced into a ‘reset’ state, disabling the Power Switch. The
Latch is allowed to ‘set’ when the Power Switch temperature
falls below 145
°C. This feature is provided to prevent
catastrophic failures from accidental device overheating. It
is not intended to be used as a substitute for proper
heatsinking.
The MC33362 is contained in a heatsinkable plastic
dual−in−line package in which the die is mounted on a special
heat tab copper alloy lead frame. This tab consists of the four
center ground pins that are specifically designed to improve
thermal conduction from the die to the circuit board. Figures
17 and 18 show a simple and effective method of utilizing the
printed circuit board medium as a heat dissipater by soldering
these pins to an adequate area of copper foil. This permits the
use of standard layout and mounting practices while having
the ability to halve the junction to air thermal resistance. The
examples are for a symmetrical layout on a single−sided
board with two ounce per square foot of copper. Figure 23
shows a practical example of a printed circuit board layout
that utilizes the copper foil as a heat dissipater. Note that a
jumper was added to the layout from Pins 8 to 10 in order to
enhance the copper area near the device for improved thermal
conductivity. The application circuit requires two ounce
copper foil in order to obtain 20 watts of continuous output
power at room temperature.


Similar Part No. - MC33362P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33362P ONSEMI-MC33362P Datasheet
390Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 3
More results

Similar Description - MC33362P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com