Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33363 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33363
Description  High Voltage Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363 Datasheet(HTML) 4 Page - ON Semiconductor

  MC33363_06 Datasheet HTML 1Page - ON Semiconductor MC33363_06 Datasheet HTML 2Page - ON Semiconductor MC33363_06 Datasheet HTML 3Page - ON Semiconductor MC33363_06 Datasheet HTML 4Page - ON Semiconductor MC33363_06 Datasheet HTML 5Page - ON Semiconductor MC33363_06 Datasheet HTML 6Page - ON Semiconductor MC33363_06 Datasheet HTML 7Page - ON Semiconductor MC33363_06 Datasheet HTML 8Page - ON Semiconductor MC33363_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC33363
http://onsemi.com
4
RT, TIMING RESISTOR (kW)
1.0
7.0
1.0 M
VCC = 20 V
CT = 1.0 mF
TA = 25°C
Figure 1. Oscillator Frequency
versus Timing Resistor
RT, TIMING RESISTOR (kW)
Figure 2. Power Switch Peak Drain Current
versus Timing Resistor
500 k
200 k
100 k
50 k
20 k
10 k
0.8
0.6
0.4
0.2
0.1
10
15
20
30
50
7.0
10
15
20
30
40
70
VCC = 20 V
TA = 25°C
CT = 100 pF
CT = 200 pF
CT = 500 pF
CT = 1.0 nF
CT = 2.0 nF
CT = 5.0 nF
CT = 10 nF
Inductor supply voltage and inductance value are
adjusted so that Ipk turn−off is achieved at 5.0 ms.
70
50
1.0
70
7.0
0.8
TIMING RESISTOR RATIO
Figure 3. Oscillator Charge/Discharge
Current versus Timing Resistor
RT, TIMING RESISTOR (kW)
Figure 4. Maximum Output Duty Cycle
versus Timing Resistor Ratio
0.5
0.3
0.2
0.15
0.1
0.08
60
50
40
30
10
15
20
30
70
2.0
3.0
5.0
7.0
10
RD/RT Ratio
Discharge Resistor
Pin 6 to GND
VCC = 20 V
CT = 2.0 nF
TA = 25°C
RC/RT Ratio
Charge Resistor
Pin 6 to Vreg
VCC = 20 V
TA = 25°C
50
0
0
10
100
IO, OUTPUT LOAD CURRENT (mA)
f, FREQUENCY (Hz)
Figure 5. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 6. Error Amp Output Saturation
Voltage versus Load Current
80
60
40
20
0
−20
−1.0
−2.0
2.0
1.0
0
100
1.0 k
10 k
100 k
1.0 M
10 M
0.2
0.4
0.6
0.8
1.0
0
30
60
90
120
150
180
VCC = 20 V
VO = 1.0 to 4.0 V
RL = 5.0 MW
CL = 2.0 pF
TA = 25°C
Gain
Phase
Source Saturation
(Load to Ground)
Sink Saturation
(Load to Vref)
VCC = 20 V
TA = 25°C
GN
D
Vref


Similar Part No. - MC33363_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33363A ONSEMI-MC33363A Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363ADW ONSEMI-MC33363ADW Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
MC33363ADW ONSEMI-MC33363ADW Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363ADWG ONSEMI-MC33363ADWG Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
More results

Similar Description - MC33363_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com