Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33274AP Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33274AP
Description  Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33274AP Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33274AP Datasheet HTML 4Page - ON Semiconductor MC33274AP Datasheet HTML 5Page - ON Semiconductor MC33274AP Datasheet HTML 6Page - ON Semiconductor MC33274AP Datasheet HTML 7Page - ON Semiconductor MC33274AP Datasheet HTML 8Page - ON Semiconductor MC33274AP Datasheet HTML 9Page - ON Semiconductor MC33274AP Datasheet HTML 10Page - ON Semiconductor MC33274AP Datasheet HTML 11Page - ON Semiconductor MC33274AP Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC33272A, MC33274A, NCV33272A, NCV33274A
http://onsemi.com
8
CL = 10 pF
CL = 100 pF
CL = 300 pF
CL = 500 pF
VCC = +15 V
VEE = −15 V
1A
2A
2B
1B
Figure 20. Voltage Gain and Phase
versus Frequency
Figure 21. Gain and Phase
versus Frequency
Figure 22. Open Loop Voltage Gain and
Phase versus Frequency
Figure 23. Open Loop Gain Margin and Phase
Margin versus Output Load Capacitance
Figure 24. Open Loop Gain Margin
versus Temperature
Figure 25. Phase Margin versus Temperature
f, FREQUENCY (Hz)
25
20
15
10
5.0
0
−10
−15
−20
−25
−5.0
100 k
1.0 M
10 M
100 M
Gain
Phase
VCC = +15 V
VEE = −15 V
RL = 2.0 kW
TA = 25°C
f, FREQUENCY (Hz)
25
20
15
10
5.0
0
−10
−15
−20
−25
−5.0
100 k
1.0 M
10 M
100 M
TA = 25°C
CL = 0 pF
1A − Phase VCC = 18 V, VEE = −18 V
2A − Phase VCC = 1.5 V, VEE = −1.5 V
1B − Gain VCC = 18 V, VEE = −18 V
2B − Gain VCC = 1.5 V, VEE = −1.5 V
1A
2A
1B
2B
f, FREQUENCY (MHz)
20
10
0
−10
−20
−30
3.0
4.0
6.0
8.0
10
20
30
VCC = +15 V
VEE = −15 V
Vout = 0 V
TA = 25°C
1A − Phase (RL = 2.0 kW)
2A − Phase (RL = 2.0 kW, CL = 300 pF)
1B − Gain (RL = 2.0 kW)
2B − Gain (RL = 2.0 kW, CL = 300 pF)
CL, OUTPUT LOAD CAPACITANCE (pF)
12
10
8.0
6.0
4.0
2.0
0
1.0
10
100
1000
Vin
+
VO
CL
2.0 k
W
Gain Margin
Phase Margin
VCC = +15 V
VEE = −15 V
VO = 0 V
TA, AMBIENT TEMPERATURE (°C)
12
10
8.0
6.0
4.0
2.0
0
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
60
50
40
30
20
10
0
−55
−25
0
25
50
75
100
125
CL = 10 pF
CL = 100 pF
CL = 300 pF
CL = 500 pF
VCC = +15 V
VEE = −15 V
80
100
120
140
160
180
200
220
240
260
280
80
100
120
140
160
180
200
220
240
100
120
140
160
180
200
220
240
280
260
0
10
20
30
40
50


Similar Part No. - MC33274AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33274AP ONSEMI-MC33274AP Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33274AP ONSEMI-MC33274AP Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33274AP ONSEMI-MC33274AP Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
MC33274APG ONSEMI-MC33274APG Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Similar Description - MC33274AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
logo
Unisonic Technologies
MC33272 UTC-MC33272_17 Datasheet
166Kb / 6P
   SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com