Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33341P Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33341P
Description  Power Supply Battery Charger Regulation Control Circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341P Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33341P Datasheet HTML 5Page - ON Semiconductor MC33341P Datasheet HTML 6Page - ON Semiconductor MC33341P Datasheet HTML 7Page - ON Semiconductor MC33341P Datasheet HTML 8Page - ON Semiconductor MC33341P Datasheet HTML 9Page - ON Semiconductor MC33341P Datasheet HTML 10Page - ON Semiconductor MC33341P Datasheet HTML 11Page - ON Semiconductor MC33341P Datasheet HTML 12Page - ON Semiconductor MC33341P Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MC33341
http://onsemi.com
9
RS
Load
R1
Battery or
Resistive
Load
Source
Return
Source
R2
R3
Comp
The above figure shows the MC33341 configured for source return low−side current sensing allowing a common power path between
Source + and Load +. This configuration is especially suited for negative output applications where a common ground path, Source + to
Load +, is desired. The Inverting Amplifier inputs, Pins 1 and 4, are used to sense the load induced voltage drop that appears across resistor
RS. The internal voltage and current regulation thresholds are selected by the respective external connections of Pins 2 and 6. Resistor R3
is required in applications where high peak levels of inrush current are possible. The resistor value should be chosen to limit the negative
substrate current to less than 20 mA. Excessively large values for R3 will degrade the current sensing accuracy.
V
I
Load
87
6
5
12
3
4
R
R
R
R
R
VCC
VCC
VCC
VCC
VCC
VCC
0.4 V
1.2 V
R
0.2 V
VCC
0.2 V 0.4 V 1.2 V
VCC
1.2 V
VCC
Inverting Amp
Transconductance
Amp
Differential Amp
Disable Logic
Differential Amp
Opto
Isolator
Vsen
Vth
Isen
Ith
Reference
Figure 16. Source Return Low−Side Current Sensing with
Internally Fixed Current and Voltage Thresholds
Vreg + Vth(V)
R2
R1
) 1
+ 1.2 R2
R1
) 1
Ireg +
V
th(ILS–)
R
S
+ –0.2
R
S
R3
+
I
pk
R
S
– 0.6
0.02


Similar Part No. - MC33341P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33341P ONSEMI-MC33341P Datasheet
369Kb / 20P
   POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
More results

Similar Description - MC33341P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
369Kb / 20P
   POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
   SMPS battery charger control circuit
April 1991
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
logo
Maxim Integrated Produc...
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17055GEVKIT MAXIM-MAX17055GEVKIT Datasheet
1Mb / 19P
   Battery charger or power supply
Rev 0; 1/17
logo
STMicroelectronics
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
   The new regulation on the power supply standby consumption for the battery charger
logo
Shenzhen Huazhimei Semi...
HM5053 HMSEMI-HM5053 Datasheet
3Mb / 6P
   High-precision linear lithium battery charger control circuit
logo
Gamewell-FCI by Honeywe...
PM-9G GAMEWELL-FCI-PM-9G Datasheet
65Kb / 1P
   PM-9G Power Supply and Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com