Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA62 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPSA62
Description  Darlington Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA62 Datasheet(HTML) 2 Page - ON Semiconductor

  MPSA62 Datasheet HTML 1Page - ON Semiconductor MPSA62 Datasheet HTML 2Page - ON Semiconductor MPSA62 Datasheet HTML 3Page - ON Semiconductor MPSA62 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSA62, MPSA63, MPSA64
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = −100 mAdc, VBE = 0)
MPSA62
MPSA63, MPSA64
V(BR)CES
−20
−30
Vdc
Collector Cutoff Current
(VCB= −15 Vdc, IE = 0)
MPSA62
(VCB = −30 Vdc, IE = 0)
MPSA63, MPSA64
ICBO
−100
−100
nAdc
Emitter Cutoff Current
(VEB = −10 Vdc, IC = 0)
IEBO
−100
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = −10 mAdc, VCE = −5.0 Vdc)
MPSA63
MPSA64
MPSA62
(IC = −100 mAdc, VCE = −5.0 Vdc)
MPSA63
MPSA64
hFE
5,000
10,000
20,000
10,000
20,000
Collector −Emitter Saturation Voltage
(IC = −10 mAdc, IB = −0.01 mAdc)
MPSA62
(IC = −100 mAdc, IB = −0.1 mAdc)
MPSA63, MPSA64
VCE(sat)
−1.0
−1.5
Vdc
Base −Emitter On Voltage
(IC = −10 mAdc, VCE = −5.0 Vdc)
MPSA62
(IC = −100 mAdc, VCE = −5.0 Vdc)
MPSA63, MPSA64
VBE(on)
−1.4
−2.0
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current −Gain — Bandwidth Product (Note 2)
(IC = −100 mAdc, VCE = −5.0 Vdc, f = 100 MHz)
MPSA63, MPSA64
fT
125
MHz
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
2. fT = |hfe| S ftest.
ORDERING INFORMATION
Device
Package
Shipping
MPSA62
TO−92
5000 Units / Bulk
MPSA63
TO−92
5000 Units / Bulk
MPSA63G
TO−92
(Pb−Free)
5000 Units / Bulk
MPSA63RLRA
TO−92
2000 / Tape & Reel
MPSA63RLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPSA63RLRM
TO−92
2000 / Ammo Pack
MPSA63RLRMG
TO−92
(Pb−Free)
2000 / Ammo Pack
MPSA63RLRP
TO−92
2000 / Ammo Pack
MPSA63RLRPG
TO−92
(Pb−Free)
2000 / Ammo Pack
MPSA63ZL1
TO−92
2000 / Ammo Pack
MPSA63ZL1G
TO−92
(Pb−Free)
2000 / Ammo Pack
MPSA64
TO−92
5000 Units / Bulk
MPSA64G
TO−92
(Pb−Free)
5000 Units / Bulk
MPSA64RLRA
TO−92
2000 / Tape & Reel
MPSA64RLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPSA64RLRM
TO−92
2000 / Ammo Pack
MPSA64RLRMG
TO−92
(Pb−Free)
2000 / Ammo Pack
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MPSA62

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA62 MOTOROLA-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistor
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
KEC(Korea Electronics)
MPSA62 KEC-MPSA62 Datasheet
66Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
logo
Central Semiconductor C...
MPSA62 CENTRAL-MPSA62 Datasheet
20Kb / 1P
   Small Signal Transistors
MPSA62 CENTRAL-MPSA62 Datasheet
36Kb / 1P
   PNP SILICON DARLINGTON TRANSISTORS
More results

Similar Description - MPSA62

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
   Darlington Transistors(PNP Silicon)
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com