Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33272ADG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33272ADG
Description  Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33272ADG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33272ADG Datasheet HTML 3Page - ON Semiconductor MC33272ADG Datasheet HTML 4Page - ON Semiconductor MC33272ADG Datasheet HTML 5Page - ON Semiconductor MC33272ADG Datasheet HTML 6Page - ON Semiconductor MC33272ADG Datasheet HTML 7Page - ON Semiconductor MC33272ADG Datasheet HTML 8Page - ON Semiconductor MC33272ADG Datasheet HTML 9Page - ON Semiconductor MC33272ADG Datasheet HTML 10Page - ON Semiconductor MC33272ADG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC33272A, MC33274A, NCV33272A, NCV33274A
http://onsemi.com
7
TA = 125°C
VCC = +15 V
VEE = −15 V
DVCC = ±1.5 V
TA = −55°C
VCC
VEE
ADM
+
+PSR = 20Log
DVO
DVO/ADM
DVCC
Figure 14. Positive Power Supply Rejection
versus Frequency
Figure 15. Negative Power Supply Rejection
versus Frequency
Figure 16. Output Short Circuit Current
versus Temperature
Figure 17. Supply Current versus
Supply Voltage
Figure 18. Normalized Slew Rate
versus Temperature
Figure 19. Gain Bandwidth Product
versus Temperature
f, FREQUENCY (Hz)
120
100
80
60
40
20
0
10
100
1.0 k
10 k
100 k
1 .0 M
f, FREQUENCY (Hz)
120
100
80
60
40
20
0
10
100
1.0 k
10 k
100 k
1.0 M
TA = 125°C
DVCC = ±1.5 V
VCC = +15 V
VEE = −15 V
TA = −55°C
TA, AMBIENT TEMPERATURE (°C)
60
50
40
30
20
10
0
−55
−25
0
25
50
75
100
125
Source
Sink
Sink
Source
VCC = +15 V
VEE = −15 V
VID = ±1.0 V
RL < 100 W
VCC, |VEE| , SUPPLY VOLTAGE (V)
11
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
TA = +125°C
TA = +25°C
TA = −55°C
TA, AMBIENT TEMPERATURE (°C)
1.15
1.1
1.05
1.0
0.95
0.9
0.85
−55
−25
0
25
50
75
100
125
VCC = +15 V
VEE = −15 V
DVin = 20 V
TA, AMBIENT TEMPERATURE (°C)
50
40
30
20
10
0
−55
−25
0
25
50
75
100
125
VCC = +15 V
VEE = −15 V
f = 100 kHz
RL = 2.0 kW
CL = 0 pF
VCC
VEE
ADM
+
−PSR = 20Log
DVO
DVO/ADM
DVEE
VO
100 pF
2.0k
W
DVin
+


Similar Part No. - MC33272ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272ADG ONSEMI-MC33272ADG Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272ADG ONSEMI-MC33272ADG Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Similar Description - MC33272ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
logo
Unisonic Technologies
MC33272 UTC-MC33272_17 Datasheet
166Kb / 6P
   SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com