Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33172D Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33172D
Description  Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33172D Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33172D Datasheet HTML 4Page - ON Semiconductor MC33172D Datasheet HTML 5Page - ON Semiconductor MC33172D Datasheet HTML 6Page - ON Semiconductor MC33172D Datasheet HTML 7Page - ON Semiconductor MC33172D Datasheet HTML 8Page - ON Semiconductor MC33172D Datasheet HTML 9Page - ON Semiconductor MC33172D Datasheet HTML 10Page - ON Semiconductor MC33172D Datasheet HTML 11Page - ON Semiconductor MC33172D Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC33171, MC33172, MC33174, NCV33172
http://onsemi.com
8
Figure 10. AC Coupled Noninverting Amplifier
with Single +5.0 V Supply
Figure 11. AC Coupled Inverting Amplifier
with Single +5.0 V Supply
Figure 12. DC Coupled Inverting Amplifier
Maximum Output Swing with Single
+5.0 V Supply
Figure 13. Offset Nulling Circuit
Figure 14. Active High−Q Notch Filter
Figure 15. Active Bandpass Filter
2.2 k
510 k
VCC
100 k
Cin
Vin
1.0 k
+
CO
VO
3.6 Vpp
AV = 101
BW ( −3.0 dB) = 20 kHz
VO 0
100 k
100 k
VCC
100 k
CO
VO
+
10 k
Cin
Vin
AV = 10
BW ( −3.0 dB) = 200 kHz
10 k
100 k
100 k
VCC
50 k
RL
4.7 k
+
100 k
1.0 M
VO
Vin
4.2 Vpp
VO 2.5 V
AV = 10
BW ( −3.0 dB) = 200 kHz
VCC
7
3
6
2
5
1
4
10 k
VEE
+
Offset Nulling range is approximately
±80 mV with
a 10 k potentiometer, MC33171 only.
Vin
+
VO
0.01
2C
0.02
2R
32 k
fo = 1.0 kHz
fo =
1
4
p RC
Vin ≥ 0.2 Vdc
2C
0.02
16 k
16 k
Vin
R1
1.1 k
R2
5.6 k
R3
2.2 k
+
VO
C
0.047
0.4
VCC
fo = 30 kHz
Q = 10
HO = 1.0
R1 =
R3
2 HO
R2 =
R3 =
Q
p foC
R1 R3
4Q2R1 −R3
Qo fo
GBW
< 0.1
Given fo = center frequency
Ao = Gain at center frequency
Choose Value fo, Q, Ao, C
For less than 10% error for operational amplifier, where fo and GBW are expressed in Hz.
C
0.047
RL
100 k
RL
R
C
R
VCC
Then:
3.8 Vpp
VO 0


Similar Part No. - MC33172D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33172D ONSEMI-MC33172D Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
STMicroelectronics
MC33172D STMICROELECTRONICS-MC33172D Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC33172D STMICROELECTRONICS-MC33172D Datasheet
79Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
November 2001
MC33172D STMICROELECTRONICS-MC33172D Datasheet
142Kb / 9P
   Low power dual bipolar operational amplifiers
logo
ON Semiconductor
MC33172DG ONSEMI-MC33172DG Datasheet
175Kb / 15P
   Low Power Operational Amplifiers
May, 2015 ??Rev. 13
More results

Similar Description - MC33172D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
logo
Texas Instruments
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com